Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFP150N Datasheet (PDF) - Intersil Corporation

RFP150N Datasheet PDF - Intersil Corporation
Part # RFP150N
Download  RFP150N Download
File Size   127.51 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 44A, 100V, 0.030 Ohm, N-Channel Power MOSFET

RFP150N Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP150N Datasheet PDF - Intersil Corporation

Part # RFP150N
Download  RFP150N Click to download

File Size   127.51 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 44A, 100V, 0.030 Ohm, N-Channel Power MOSFET

RFP150N Datasheet (HTML) - Intersil Corporation


RFP150N Product details

Features

• Ultra Low On-Resistance

-rDS(ON)= 0.030Ω,VGS=10V

• Simulation Models

- Temperature Compensated PSPICE™ and SABER© Electrical Models

- Spice and SABER© Thermal Impedance Models

• Peak Current vs Pulse Width Curve

• UIS Rating Curve




Similar Part No. - RFP150N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP15N05 FAIRCHILD-RFP15N05 Datasheet
354Kb / 6P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFP15N05 INTERSIL-RFP15N05 Datasheet
40Kb / 5P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
July 1999
logo
Inchange Semiconductor ...
RFP15N05 ISC-RFP15N05 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
July 1999
More results


Similar Description - RFP150N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Feb-2003
logo
Fairchild Semiconductor
HUF75229P3 FAIRCHILD-HUF75229P3 Datasheet
220Kb / 9P
44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
HUF75637P3 FAIRCHILD-HUF75637P3 Datasheet
201Kb / 10P
44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75637P3 FAIRCHILD-HUFA75637P3 Datasheet
202Kb / 10P
44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75229P3 INTERSIL-HUF75229P3 Datasheet
135Kb / 8P
44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
June 1998
HUF75531SK8 INTERSIL-HUF75531SK8 Datasheet
183Kb / 12P
6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
April 2000
HUF75637P3 INTERSIL-HUF75637P3 Datasheet
332Kb / 9P
44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
1999 10
logo
Fairchild Semiconductor
IRFP150N FAIRCHILD-IRFP150N Datasheet
148Kb / 10P
44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
FDB3672 FAIRCHILD-FDB3672_09 Datasheet
506Kb / 11P
N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
FDB3672_F085 FAIRCHILD-FDB3672_F085 Datasheet
506Kb / 11P
N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com