Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFP15N08L Datasheet (PDF) - Intersil Corporation

RFP15N08L Datasheet PDF - Intersil Corporation
Part # RFP15N08L
Download  RFP15N08L Download
File Size   40.82 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A, 80V, 0.140 Ohm, Logic Level, N-Channel Power MOSFET

RFP15N08L Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP15N08L Datasheet PDF - Intersil Corporation

Part # RFP15N08L
Download  RFP15N08L Click to download

File Size   40.82 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A, 80V, 0.140 Ohm, Logic Level, N-Channel Power MOSFET

RFP15N08L Datasheet (HTML) - Intersil Corporation


RFP15N08L Product details

15A, 80V, 0.140 Ohm, Logic Level, N-Channel Power MOSFET



The RFP15N08L is an N-Channel enhancement mode silicon gate power field effect transistor specifically designed for use with logic level (5 volt) driving sources in applications such as programmable controllers, automotive switching, and solenoid drivers. This performance is accomplished through a special gate oxide design which provides full rated conduction at gate biases in the 3-5 volt range, thereby facilitating true on-off power control from logic circuit supply voltages.



Features

• 15A, 80V

•rDS(ON)= 0.140Ω

• Design Optimized for 5 Volt Gate Drive

• Can be Driven Directly from Q-MOS, N-MOS, TTL Circuits

• SOA is Power Dissipation Limited

• 175oC Rated Junction Temperature

• Logic Level Gate

• High Input Impedance

• Related Literature

- TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFP15N08L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RFP15N08L ISC-RFP15N08L Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - RFP15N08L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB17N08L FAIRCHILD-FQB17N08L Datasheet
571Kb / 9P
80V LOGIC N-Channel MOSFET
FQD9N08L FAIRCHILD-FQD9N08L Datasheet
543Kb / 9P
80V LOGIC N-Channel MOSFET
FQPF17N08L FAIRCHILD-FQPF17N08L Datasheet
556Kb / 8P
80V LOGIC N-Channel MOSFET
FQPF9N08L FAIRCHILD-FQPF9N08L Datasheet
552Kb / 8P
80V LOGIC N-Channel MOSFET
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFD3N08L INTERSIL-RFD3N08L Datasheet
69Kb / 8P
3A, 80V, 0.800 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
July 1999
RFP2N08L INTERSIL-RFP2N08L Datasheet
35Kb / 5P
2A, 80V and 100V, 1.050 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
HUFA76504DK8 FAIRCHILD-HUFA76504DK8 Datasheet
313Kb / 13P
2.3A, 80V, 0.222 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Kersemi Electronic Co.,...
KSMD17N08L KERSEMI-KSMD17N08L Datasheet
1Mb / 8P
80V LOGIC N-Channel MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com