Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFP22N10 Datasheet (PDF) - Intersil Corporation

RFP22N10 Datasheet PDF - Intersil Corporation
Part # RFP22N10
Download  RFP22N10 Download
File Size   49.13 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 22A, 100V, 0.080 Ohm, N-Channel Power MOSFETs

RFP22N10 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP22N10 Datasheet PDF - Intersil Corporation

Part # RFP22N10
Download  RFP22N10 Click to download

File Size   49.13 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 22A, 100V, 0.080 Ohm, N-Channel Power MOSFETs

RFP22N10 Datasheet (HTML) - Intersil Corporation


RFP22N10 Product details

These N-Channel power MOSFETs are manufactured using the MegaFET process. This process, which uses feature sizes approaching those of LSI integrated circuits gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as switching regulators, switching converters, motor drivers, and relay drivers. These transistors can be operated directly from integrated circuits.

Features
• 22A, 100V
• rDS(ON) = 0.080Ω
• UIS SOA Rating Curve (Single Pulse)
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• 175°C Operating Temperature
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFP22N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP22N10 FAIRCHILD-RFP22N10 Datasheet
367Kb / 6P
22A, 100V, 0.080 Ohm, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFP22N10 VBSEMI-RFP22N10 Datasheet
938Kb / 7P
N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFP22N10 ISC-RFP22N10 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - RFP22N10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP22NE10L STMICROELECTRONICS-STP22NE10L Datasheet
83Kb / 8P
N - CHANNEL 100V - 0.07 ohm - 22A TO-220 STripFET POWER MOSFET
Nov-1999
logo
Fairchild Semiconductor
HUF75623P3 FAIRCHILD-HUF75623P3 Datasheet
199Kb / 10P
22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75623P3 FAIRCHILD-HUFA75623P3 Datasheet
199Kb / 10P
22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs
RFP22N10 FAIRCHILD-RFP22N10 Datasheet
367Kb / 6P
22A, 100V, 0.080 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
FRE260D INTERSIL-FRE260D Datasheet
49Kb / 6P
31A, 200V, 0.080 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FSF9150D INTERSIL-FSF9150D Datasheet
45Kb / 8P
22A, -100V, 0.140 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ264D INTERSIL-FSJ264D Datasheet
48Kb / 9P
33A, 250V, 0.080 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
HUF75623P3 INTERSIL-HUF75623P3 Datasheet
99Kb / 9P
22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFET
1999 11
IRF530N INTERSIL-IRF530N Datasheet
125Kb / 10P
22A, 100V, 0.064 Ohm, N-Channel Power MOSFET
March 2000
logo
Shindengen Electric Mfg...
P22FE4SBK SHINDENGEN-P22FE4SBK Datasheet
1Mb / 7P
Power MOSFETs 40V, 22A, N-channel
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com