Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFP2N12 Datasheet (PDF) - Intersil Corporation

RFP2N12 Datasheet PDF - Intersil Corporation
Part # RFP2N12
Download  RFP2N12 Download
File Size   35.2 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs

RFP2N12 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP2N12 Datasheet PDF - Intersil Corporation

Part # RFP2N12
Download  RFP2N12 Click to download

File Size   35.2 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs

RFP2N12 Datasheet (HTML) - Intersil Corporation


RFP2N12 Product details

Description
These are N-Channel enhancement mode silicon gate power field effect transistors designed for applications such as switching regulators, switching converters, motor drivers, relay drivers and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 2A, 120V and 150V
• rDS(ON) = 1.750Ω
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFP2N12

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RFP2N12 ISC-RFP2N12 Datasheet
348Kb / 2P
isc N-Channel MOSFET Transistor
logo
Intersil Corporation
RFP2N12L INTERSIL-RFP2N12L Datasheet
35Kb / 5P
2A, 120V, 1.750 Ohm, Logic Level, N-Channel Power MOSFET
April 1999
logo
VBsemi Electronics Co.,...
RFP2N12L VBSEMI-RFP2N12L Datasheet
938Kb / 7P
N-Channel 100-V (D-S) MOSFET
More results


Similar Description - RFP2N12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFL1N12 INTERSIL-RFL1N12 Datasheet
43Kb / 5P
1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs
January 1998
RFL1N12L INTERSIL-RFL1N12L Datasheet
31Kb / 4P
1A, 120V and 150V, 1.900 Ohm, Logic Level, N-Channel Power MOSFETs
September 1998
RFL2N05 INTERSIL-RFL2N05 Datasheet
44Kb / 5P
2A, 50V and 60V, 0.95 Ohm, N-Channel Power MOSFETs
January 1998
RFL4N12 INTERSIL-RFL4N12 Datasheet
31Kb / 4P
4A, 120V and 150V, 0.400 Ohm, N-Channel Power MOSFETs
September 1998
RFP10N15 INTERSIL-RFP10N15 Datasheet
40Kb / 5P
10A, 150V, 0.300 Ohm, N-Channel Power MOSFETs
March 1999
RFP15N15 INTERSIL-RFP15N15 Datasheet
36Kb / 5P
15A, 150V, 0.150 Ohm, N-Channel Power MOSFETs
October 1998
RFP2N08 INTERSIL-RFP2N08 Datasheet
46Kb / 4P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
July 1998
RFP2N12L INTERSIL-RFP2N12L Datasheet
35Kb / 5P
2A, 120V, 1.750 Ohm, Logic Level, N-Channel Power MOSFET
April 1999
logo
New Jersey Semi-Conduct...
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
RFL2N05 NJSEMI-RFL2N05 Datasheet
94Kb / 2P
2A, 50V and 60V, 0.95 Ohm, N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com