Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03P2J Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

03P2J Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 03P2J
Download  03P2J Download
File Size   1421.04 Kbytes
Page   3 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description SCR Thyristor

03P2J Datasheet (PDF)

Go To PDF Page Download Datasheet
03P2J Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 03P2J
Download  03P2J Click to download

File Size   1421.04 Kbytes
Page   3 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description SCR Thyristor

03P2J Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd




Similar Part No. - 03P2J

ManufacturerPart #DatasheetDescription
logo
NEC
03P2J NEC-03P2J Datasheet
298Kb / 4P
ALL DIFFUSED TYPE SCR POWER MINI MOLD
More results


Similar Description - 03P2J

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MCK22-8 KEXIN-MCK22-8 Datasheet
2Mb / 3P
SCR Thyristor
BT169 KEXIN-BT169 Datasheet
1Mb / 4P
SCR Thyristor
BT169-HF KEXIN-BT169-HF Datasheet
1Mb / 4P
SCR Thyristor
logo
Vishay Siliconix
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3 Datasheet
170Kb / 8P
Thyristor High Voltage, Phase Control SCR,
26-Jul-13
VS-40TPS16PBF VISHAY-VS-40TPS16PBF_15 Datasheet
211Kb / 9P
Thyristor High Voltage, Phase Control SCR
06-Feb-14
VS-40TTS12PBF VISHAY-VS-40TTS12PBF Datasheet
119Kb / 7P
Thyristor High Voltage, Phase Control SCR
26-Jul-13
VS-25TTS12SLHM3 VISHAY-VS-25TTS12SLHM3 Datasheet
199Kb / 8P
Thyristor, Surface Mount, Phase Control SCR, 16 A
22-Feb-18
VS-25TTS16SLHM3 VISHAY-VS-25TTS16SLHM3 Datasheet
150Kb / 6P
Thyristor Surface Mount, Phase Control SCR
22-Feb-18
logo
First Silicon Co., Ltd
TYNA616 FS-TYNA616 Datasheet
142Kb / 3P
Silicon Planar PNPN Thyristor (16A SCR)
MCRP8PA-6V FS-MCRP8PA-6V Datasheet
276Kb / 4P
Silicon Planar PNPN Thyristor (0.8A SCR)
2022. 04. 06 Revision No : 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com