Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHRG75100 Datasheet (PDF) - Intersil Corporation

RHRG75100 Datasheet PDF - Intersil Corporation
Part # RHRG75100
Download  RHRG75100 Download
File Size   61.53 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 75A, 700V - 1000V Hyperfast Diodes

RHRG75100 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRG75100 Datasheet PDF - Intersil Corporation

Part # RHRG75100
Download  RHRG75100 Click to download

File Size   61.53 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 75A, 700V - 1000V Hyperfast Diodes

RHRG75100 Datasheet (HTML) - Intersil Corporation


RHRG75100 Product details

RHRG7570, RHRG7580, RHRG7590 and RHRG75100 (TA49068) are hyperfast diodes with soft recovery characteristics (tRR < 85ns). They have half the recovery time of ultrafast diodes and are silicon nitride passivated ionimplanted epitaxial planar construction.
These devices are intended for use as freewheeling/clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and hyperfast soft recovery minimize ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors

Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . .<85ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . +175°C
• Reverse Voltage Up To. . . . . . . . . . . . . . . . . . . . . .1000V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRG75100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
75A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
75A, 1200V Hyperfast Diode
January 2000
logo
Inchange Semiconductor ...
RHRG75120 ISC-RHRG75120 Datasheet
259Kb / 2P
Hyperfast Diode
More results


Similar Description - RHRG75100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
75A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
75A, 1200V Hyperfast Diode
January 2000
RHRG7560 INTERSIL-RHRG7560 Datasheet
46Kb / 4P
75A, 600V Hyperfast Diode
January 2000
RHRU15090 INTERSIL-RHRU15090 Datasheet
39Kb / 3P
150A, 900V - 1000V Hyperfast Diodes
April 1995
RHRU5070 INTERSIL-RHRU5070 Datasheet
56Kb / 4P
50A, 700V - 1000V Hyperfast Diodes
April 1995
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
75A, 1200V Hyperfast Diode
April 1995
RHRU7540 INTERSIL-RHRU7540 Datasheet
60Kb / 4P
75A, 400V - 600V Hyperfast Diodes
April 1995
RHRU7570 INTERSIL-RHRU7570 Datasheet
60Kb / 4P
75A, 700V - 1000V Hyperfast Diodes
April 1995
RURG3070CC INTERSIL-RURG3070CC Datasheet
31Kb / 3P
30A, 700V - 1000V Ultrafast Dual Diodes
April 1995
RURU15070 INTERSIL-RURU15070 Datasheet
48Kb / 4P
150A, 700V - 1000V Ultrafast Diodes
April 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com