Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHRU7590 Datasheet (PDF) - Intersil Corporation

RHRU7590 Datasheet PDF - Intersil Corporation
Part # RHRU7590
Download  RHRU7590 Download
File Size   60.77 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 75A, 700V - 1000V Hyperfast Diodes

RHRU7590 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRU7590 Datasheet PDF - Intersil Corporation

Part # RHRU7590
Download  RHRU7590 Click to download

File Size   60.77 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 75A, 700V - 1000V Hyperfast Diodes

RHRU7590 Datasheet (HTML) - Intersil Corporation


RHRU7590 Product details

RHRU7570, RHRU7580, RHRU7590 and RHRU75100 (TA49068) are hyperfast diodes with soft recovery characteristics (tRR < 85ns). They have half the recovery time of ultrafast diodes and are silicon nitride passivated ionimplanted epitaxial planar construction.

Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . .<85ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . +175°C
• Reverse Voltage Up To. . . . . . . . . . . . . . . . . . . . . .1000V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRU7590

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
75A, 1200V Hyperfast Diode
April 1995
RHRU7540 INTERSIL-RHRU7540 Datasheet
60Kb / 4P
75A, 400V - 600V Hyperfast Diodes
April 1995
RHRU7550 INTERSIL-RHRU7550 Datasheet
60Kb / 4P
75A, 400V - 600V Hyperfast Diodes
April 1995
RHRU7560 INTERSIL-RHRU7560 Datasheet
60Kb / 4P
75A, 400V - 600V Hyperfast Diodes
April 1995
More results


Similar Description - RHRU7590

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
75A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
75A, 1200V Hyperfast Diode
January 2000
RHRG7560 INTERSIL-RHRG7560 Datasheet
46Kb / 4P
75A, 600V Hyperfast Diode
January 2000
RHRG7570 INTERSIL-RHRG7570 Datasheet
61Kb / 4P
75A, 700V - 1000V Hyperfast Diodes
April 1995
RHRU15090 INTERSIL-RHRU15090 Datasheet
39Kb / 3P
150A, 900V - 1000V Hyperfast Diodes
April 1995
RHRU5070 INTERSIL-RHRU5070 Datasheet
56Kb / 4P
50A, 700V - 1000V Hyperfast Diodes
April 1995
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
75A, 1200V Hyperfast Diode
April 1995
RHRU7540 INTERSIL-RHRU7540 Datasheet
60Kb / 4P
75A, 400V - 600V Hyperfast Diodes
April 1995
RURG3070CC INTERSIL-RURG3070CC Datasheet
31Kb / 3P
30A, 700V - 1000V Ultrafast Dual Diodes
April 1995
RURU15070 INTERSIL-RURU15070 Datasheet
48Kb / 4P
150A, 700V - 1000V Ultrafast Diodes
April 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com