Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLP1N08LE Datasheet (PDF) - Intersil Corporation

RLP1N08LE Datasheet PDF - Intersil Corporation
Part # RLP1N08LE
Download  RLP1N08LE Download
File Size   53.65 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1A, 80V, 0.750 Ohm, Current Limited, N-Channel Power MOSFET

RLP1N08LE Datasheet (PDF)

Go To PDF Page Download Datasheet
RLP1N08LE Datasheet PDF - Intersil Corporation

Part # RLP1N08LE
Download  RLP1N08LE Click to download

File Size   53.65 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1A, 80V, 0.750 Ohm, Current Limited, N-Channel Power MOSFET

RLP1N08LE Datasheet (HTML) - Intersil Corporation


RLP1N08LE Product details

The RLP1N08LE is a semi-smart monolithic power circuit which incorporates a lateral bipolar transistor, two resistors, a zener diode, and a PowerMOS transistor. Good control of the current limiting levels allows use of these devices where a shorted load condition may be encountered. “Logic level” gates allow this device to be fully biased on with only 5V from gate to source. The zener diode provides ESD protection up to 2kV. These devices can be produced on the standard PowerMOS production line.
Formerly developmental type TA09842.

Features
• 1A, 80V
• rDS(ON) = 0.750Ω
• ILIMIT at 150oC = 1.5A Maximum
• Built-in Current Limiting
• ESD Protected
• Controlled Switching Limits EMI and RFI
• Specified for 150oC Operation
• Temperature Compensated Spice Model Provided
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RLP1N08LE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RLP1N06CLE INTERSIL-RLP1N06CLE Datasheet
47Kb / 7P
1A, 55V, 0.750 Ohm,Voltage Clamping, Current Limited, N-Channel Power MOSFET
July 1999
More results


Similar Description - RLP1N08LE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
September 1998
RLP1N06CLE INTERSIL-RLP1N06CLE Datasheet
47Kb / 7P
1A, 55V, 0.750 Ohm,Voltage Clamping, Current Limited, N-Channel Power MOSFET
July 1999
logo
Diodes Incorporated
AP2166 DIODES-AP2166 Datasheet
541Kb / 17P
1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2166/AP2176 Rev 1
AP2161 DIODES-AP2161_09 Datasheet
389Kb / 19P
1A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2171 Rev. 6
AP2161D_1009 DIODES-AP2161D_1009 Datasheet
482Kb / 17P
1A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32250 Rev. 2 - 2
AP2162 DIODES-AP2162_09 Datasheet
511Kb / 17P
1A DUAL CHANNEL CURRENT-LIMITED POWER
AP2172 Rev. 5
AP2161WG-7 DIODES-AP2161WG-7 Datasheet
457Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2172 DIODES-AP2172 Datasheet
511Kb / 17P
1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com