Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS131 Datasheet (PDF) - SUNMATE electronic Co., LTD

1SS131 Datasheet PDF - SUNMATE electronic Co., LTD
Part # 1SS131
Download  1SS131 Download
File Size   167.01 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 130mA Axial Leaded High Speed Switching Diode

1SS131 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS131 Datasheet PDF - SUNMATE electronic Co., LTD

Part # 1SS131
Download  1SS131 Click to download

File Size   167.01 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 130mA Axial Leaded High Speed Switching Diode

1SS131 Datasheet (HTML) - SUNMATE electronic Co., LTD


1SS131 Product details

Features
• High switching speed: max. 4 ns
• Continuous reverse voltage:max. 80 V
• Repetitive peak reverse voltage:max. 90 V
• Pb / RoHS Free




Similar Part No. - 1SS131

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1SS131 EIC-1SS131 Datasheet
31Kb / 2P
HIGH SPEED SWITCHING DIODE
logo
SynSemi, Inc.
1SS131 SYNSEMI-1SS131 Datasheet
29Kb / 2P
HIGH SPEED SWITCHING DIODE
logo
Shenzhen Luguang Electr...
1SS131 LUGUANG-1SS131 Datasheet
193Kb / 2P
Small Signal Switching Diodes
More results


Similar Description - 1SS131

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N914 SUNMATE-1N914 Datasheet
204Kb / 2P
75mA Axial Leaded High Speed Switching Diodes
1S1588 SUNMATE-1S1588 Datasheet
48Kb / 1P
0.5A Axial Leaded High Speed Switching Diode
1SS130 SUNMATE-1SS130 Datasheet
154Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS132 SUNMATE-1SS132 Datasheet
180Kb / 2P
120mA Axial Leaded High Speed Switching Diode
1SS133 SUNMATE-1SS133 Datasheet
193Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS136 SUNMATE-1SS136 Datasheet
40Kb / 1P
200mA Axial Leaded High Speed Switching Diode
1SS177 SUNMATE-1SS177 Datasheet
158Kb / 1P
100mA Axial Leaded High Speed Switching Diode
1SS178 SUNMATE-1SS178 Datasheet
170Kb / 1P
100mA Axial Leaded High Speed Switching Diode
BAW75 SUNMATE-BAW75 Datasheet
333Kb / 2P
150mA Axial Leaded High Speed Switching Diodes
logo
Nanjing International G...
1SS133 DGNJDZ-1SS133 Datasheet
1Mb / 2P
130mA Axial Leaded High Speed Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com