Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS184 Datasheet (PDF) - SUNMATE electronic Co., LTD

1SS184 Datasheet PDF - SUNMATE electronic Co., LTD
Part # 1SS184
Download  1SS184 Download
File Size   2053.21 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 100mA Surface Mount Switching Diode

1SS184 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS184 Datasheet PDF - SUNMATE electronic Co., LTD

Part # 1SS184
Download  1SS184 Click to download

File Size   2053.21 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 100mA Surface Mount Switching Diode

1SS184 Datasheet (HTML) - SUNMATE electronic Co., LTD


1SS184 Product details

Features
● Low forward voltage
   VF(3)=0.9V(typ).
● Fast switching.
● Fast reverse recovery time:trr=1.6ns(typ)




Similar Part No. - 1SS184

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS184 TOSHIBA-1SS184 Datasheet
129Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APLICATION)
1SS184 TOSHIBA-1SS184 Datasheet
197Kb / 3P
Ultra High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
Surface mount switching diode
Rev.A
logo
Guangdong Kexin Industr...
1SS184 KEXIN-1SS184 Datasheet
35Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION
logo
SEMTECH ELECTRONICS LTD...
1SS184 SEMTECH_ELEC-1SS184 Datasheet
135Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
More results


Similar Description - 1SS184

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Cystech Electonics Corp...
CASD355SG CYSTEKEC-CASD355SG Datasheet
147Kb / 3P
100V/100mA SURFACE MOUNT SWITCHING DIODE
CASD355SY CYSTEKEC-CASD355SY Datasheet
146Kb / 3P
80V/100mA SURFACE MOUNT SWITCHING DIODE
CDSS355ASN CYSTEKEC-CDSS355ASN Datasheet
140Kb / 3P
100V/100mA SURFACE MOUNT SWITCHING DIODE
logo
SUNMATE electronic Co.,...
1SS181 SUNMATE-1SS181 Datasheet
1Mb / 2P
100mA Surface Mount Switching Diode
1SS187 SUNMATE-1SS187 Datasheet
2Mb / 2P
100mA Surface Mount Switching Diode
1SS190 SUNMATE-1SS190 Datasheet
2Mb / 2P
100mA Surface Mount Switching Diode
LL41 SUNMATE-LL41 Datasheet
240Kb / 2P
100mA Surface Mount Schottky Barrier Diode
RB530S-30 SUNMATE-RB530S-30 Datasheet
365Kb / 3P
100mA Surface Mount Schottky Barrier Diode
RB531S-30 SUNMATE-RB531S-30 Datasheet
248Kb / 3P
100mA Surface Mount Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com