Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8102 Datasheet (PDF) - NEC

UPC8102 Datasheet PDF - NEC
Part # UPC8102
Download  UPC8102 Download
File Size   147.02 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description RF AMPLIFIER IC FOR 150 MHz TO 330 MHz PAGER SYSTEM

UPC8102 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8102 Datasheet PDF - NEC

Part # UPC8102
Download  UPC8102 Click to download

File Size   147.02 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description RF AMPLIFIER IC FOR 150 MHz TO 330 MHz PAGER SYSTEM

UPC8102 Datasheet (HTML) - NEC


UPC8102 Product details

DESCRIPTION
µPC8102T is a silicon monolisic integrated circuit designed as RF amplifier for 150 MHz to 330 MHz pager system. Due to 1 V supply voltage, this IC is suitable for low voltage pager system. The package is a 6 pin mini mold suitable for high-density surface mounting.
This IC is manufactured using NEC’s 20 GHz fT NESATTM III silicon bipolar process. This process uses silicon nitride passivation film and gold electrodes. These materials contribute excellent DC, AC performance. Thus, this process is utilized for 1 V voltage IC.

FEATURES
• 1 V supply voltage: VCC = 0.9 V to 2.0 V
• Low noise figure: 2.3 dBTYP. @ fin = 150 MHz (with external matching circuit to optimize NF)
• Low current consumption: ICC = 0.5 mATYP. @ VCC = 1.0 V
• Gain available frequency: fRF = 150 MHz to 330 MHz (with external matching circuit)
• High-density surface mounting: 6 pin mini mold




Similar Part No. - UPC8102

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8102T RENESAS-UPC8102T Datasheet
265Kb / 22P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1996
UPC8102T-E3 RENESAS-UPC8102T-E3 Datasheet
265Kb / 22P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1996
More results


Similar Description - UPC8102

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8103T NEC-UPC8103T Datasheet
162Kb / 26P
MIXER OSCILLATOR IC FOR PAGER SYSTEM
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
150 MHz RGB Video Amplifier System
logo
Analog Devices
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
logo
Communications & Power ...
4CW10-000A CPI-4CW10-000A Datasheet
93Kb / 1P
RF amplifier to 30 MHz
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
LM1203A 150 MHz RGB Video Amplifier System
logo
TAI-SAW TECHNOLOGY CO.,...
TA147FD TAI-SAW-TA147FD Datasheet
302Kb / 5P
SAW Filter 147 MHz For Pager
TA229E1 TAI-SAW-TA229E1 Datasheet
731Kb / 4P
SAW Filter 229.5 MHz For Pager
TA284GC TAI-SAW-TA284GC Datasheet
251Kb / 5P
SAW Filter 284 MHz For Pager
logo
B&K Precision Corporati...
2005B BK-2005B Datasheet
605Kb / 1P
150 MHz RF Generator
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com