Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RURG80100 Datasheet (PDF) - Intersil Corporation

RURG80100 Datasheet PDF - Intersil Corporation
Part # RURG80100
Download  RURG80100 Download
File Size   32.62 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 80A, 1000V Ultrafast Diode

RURG80100 Datasheet (PDF)

Go To PDF Page Download Datasheet
RURG80100 Datasheet PDF - Intersil Corporation

Part # RURG80100
Download  RURG80100 Click to download

File Size   32.62 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 80A, 1000V Ultrafast Diode

RURG80100 Datasheet (HTML) - Intersil Corporation


RURG80100 Product details

The RURG80100 is an ultrafast diode with soft recovery characteristics (trr < 125ns). It has low forward voltage drop and is of silicon nitride passivated ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and ultrafast recovery with soft recovery characteristic minimizes ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors.

Features
• Ultrafast with Soft Recovery. . . . . . . . . . . . . . . . . . <125ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . . . . 175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURG80100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG80100 FAIRCHILD-RURG80100 Datasheet
328Kb / 4P
80A, 1000V Ultrafast Diode
logo
Inchange Semiconductor ...
RURG80100 ISC-RURG80100 Datasheet
242Kb / 2P
Ultra fast Rectifier
logo
ON Semiconductor
RURG80100-F085 ONSEMI-RURG80100-F085 Datasheet
544Kb / 7P
Ultrafast Rectifier 80 A, 1000 V
March, 2020 - Rev. 3
More results


Similar Description - RURG80100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG80100 FAIRCHILD-RURG80100 Datasheet
328Kb / 4P
80A, 1000V Ultrafast Diode
RURG8060 FAIRCHILD-RURG8060 Datasheet
330Kb / 4P
80A, 600V Ultrafast Diode
logo
Intersil Corporation
RURG30100 INTERSIL-RURG30100 Datasheet
32Kb / 3P
30A, 1000V Ultrafast Diode
January 2000
RURG50100 INTERSIL-RURG50100 Datasheet
32Kb / 3P
50A, 1000V Ultrafast Diode
January 2000
RURG8060 INTERSIL-RURG8060 Datasheet
32Kb / 3P
80A, 600V Ultrafast Diode
January 2000
RURP15100 INTERSIL-RURP15100 Datasheet
31Kb / 3P
15A, 1000V Ultrafast Diode
January 2000
RURP30100 INTERSIL-RURP30100 Datasheet
31Kb / 3P
30A, 1000V Ultrafast Diode
January 2000
RURU50100 INTERSIL-RURU50100 Datasheet
31Kb / 3P
50A, 1000V Ultrafast Diode
January 2000
RURU80100 INTERSIL-RURU80100 Datasheet
32Kb / 3P
80A, 1000V Ultrafast Diode
January 2000
RURU8060 INTERSIL-RURU8060 Datasheet
32Kb / 3P
80A, 600V Ultrafast Diode
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com