Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RURH15100CC Datasheet (PDF) - Intersil Corporation

RURH15100CC Datasheet PDF - Intersil Corporation
Part # RURH15100CC
Download  RURH15100CC Download
File Size   33.77 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A, 1000V Ultrafast Dual Diode

RURH15100CC Datasheet (PDF)

Go To PDF Page Download Datasheet
RURH15100CC Datasheet PDF - Intersil Corporation

Part # RURH15100CC
Download  RURH15100CC Click to download

File Size   33.77 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A, 1000V Ultrafast Dual Diode

RURH15100CC Datasheet (HTML) - Intersil Corporation


RURH15100CC Product details

The RURH15100CC is an ultrafast dual diode with soft recovery characteristics (trr < 100ns). It has low forward voltage drop and is of silicon nitride passivated ion-implanted epitaxial planar construction.
This device is intended for use as a freewheel/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and ultrafast recovery with soft recovery characteristics minimizes ringing and electrical noise in many power switching circuits, reducing power loss in the switching transistors.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . <100ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1000V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURH15100CC

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RURH1510CC HARRIS-RURH1510CC Datasheet
31Kb / 3P
15A, 100V - 200V Ultrafast Dual Diodes
logo
New Jersey Semi-Conduct...
RURH1510CC NJSEMI-RURH1510CC Datasheet
80Kb / 2P
15A, 100V - 200V Ultrafast Dual Diodes
More results


Similar Description - RURH15100CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG1520CC FAIRCHILD-RURG1520CC Datasheet
339Kb / 4P
15A, 200V Ultrafast Dual Diode
logo
Intersil Corporation
RHRG15100CC INTERSIL-RHRG15100CC Datasheet
49Kb / 4P
15A, 1000V Hyperfast Dual Diode
January 2000
RURG15100CC INTERSIL-RURG15100CC Datasheet
34Kb / 3P
15A, 1000V Ultrafast Dual Diode
January 2000
RURG15120CC INTERSIL-RURG15120CC Datasheet
49Kb / 4P
15A, 1200V Ultrafast Dual Diode
January 2000
RURG1520CC INTERSIL-RURG1520CC Datasheet
31Kb / 3P
15A, 200V Ultrafast Dual Diode
January 2000
RURG1540CC INTERSIL-RURG1540CC Datasheet
32Kb / 3P
15A, 200V Ultrafast Dual Diode
January 2000
RURH30100CC INTERSIL-RURH30100CC Datasheet
33Kb / 3P
30A, 1000V Ultrafast Dual Diode
January 2000
RURP15100 INTERSIL-RURP15100 Datasheet
31Kb / 3P
15A, 1000V Ultrafast Diode
January 2000
RURP8100CC INTERSIL-RURP8100CC Datasheet
50Kb / 4P
8A, 1000V Ultrafast Dual Diode
January 2000
logo
Fairchild Semiconductor
RURG1520CC FAIRCHILD-RURG1520CC_05 Datasheet
52Kb / 5P
15A, 200V Ultrafast Dual Diode
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com