Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RURP3020 Datasheet (PDF) - Intersil Corporation

RURP3020 Datasheet PDF - Intersil Corporation
Part # RURP3020
Download  RURP3020 Download
File Size   33.25 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 200V Ultrafast Diode

RURP3020 Datasheet (PDF)

Go To PDF Page Download Datasheet
RURP3020 Datasheet PDF - Intersil Corporation

Part # RURP3020
Download  RURP3020 Click to download

File Size   33.25 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 200V Ultrafast Diode

RURP3020 Datasheet (HTML) - Intersil Corporation


RURP3020 Product details

The RURP3020 is an ultrafast diode (trr < 45ns) with soft recovery characteristics. It has a low forward voltage drop and is of planar, silicon nitride passivated, ion-implanted, epitaxial construction.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <45ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
• Avalanche Energy Rated

Applications
• Switching Power Supply
• Power Switching Circuits
• General Purpose




Similar Part No. - RURP3020

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURP3020 FAIRCHILD-RURP3020 Datasheet
340Kb / 4P
30A, 200V Ultrafast Diode
More results


Similar Description - RURP3020

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG3020CC FAIRCHILD-RURG3020CC Datasheet
338Kb / 4P
30A, 200V Ultrafast Dual Diode
RURG3060 FAIRCHILD-RURG3060 Datasheet
348Kb / 4P
30A, 600V Ultrafast Diode
RURP3020 FAIRCHILD-RURP3020 Datasheet
340Kb / 4P
30A, 200V Ultrafast Diode
RURP3060 FAIRCHILD-RURP3060 Datasheet
339Kb / 4P
30A, 600V Ultrafast Diode
logo
Intersil Corporation
RURG30100 INTERSIL-RURG30100 Datasheet
32Kb / 3P
30A, 1000V Ultrafast Diode
January 2000
RURG30120 INTERSIL-RURG30120 Datasheet
31Kb / 3P
30A, 1200V Ultrafast Diode
January 2000
RURG3020 INTERSIL-RURG3020 Datasheet
64Kb / 6P
30A, 200V Ultrafast Diode
January 2000
RURG3020CC INTERSIL-RURG3020CC Datasheet
32Kb / 3P
30A, 200V Ultrafast Dual Diode
January 2000
RURG3060 INTERSIL-RURG3060 Datasheet
39Kb / 3P
30A, 600V Ultrafast Diode
January 2000
RURH3020CC INTERSIL-RURH3020CC Datasheet
33Kb / 3P
30A, 200V Ultrafast Dual Diode
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com