Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT42W Datasheet (PDF) - SUNMATE electronic Co., LTD

BAT42W Datasheet PDF - SUNMATE electronic Co., LTD
Part # BAT42W
Download  BAT42W Download
File Size   113.79 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 200mA Surface Mount Schottky Barrier Rectifiers

BAT42W Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT42W Datasheet PDF - SUNMATE electronic Co., LTD

Part # BAT42W
Download  BAT42W Click to download

File Size   113.79 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 200mA Surface Mount Schottky Barrier Rectifiers

BAT42W Datasheet (HTML) - SUNMATE electronic Co., LTD


BAT42W Product details

Features
• Low Turn-on Voltage
• Fast Switching
• PN Junction Guard Ring for Transient and ESD Protection
• Designed for Surface Mount Application
• Plastic Material – UL Recognition Flammability
• Classification 94V-O




Similar Part No. - BAT42W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42W PANJIT-BAT42W Datasheet
61Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Won-Top Electronics
BAT42W WTE-BAT42W Datasheet
30Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT42W DIODES-BAT42W Datasheet
68Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30016 Rev. 5 - 2
logo
General Semiconductor
BAT42W GE-BAT42W Datasheet
39Kb / 2P
Schottky Diodes
logo
Jiangsu Changjiang Elec...
BAT42W JIANGSU-BAT42W Datasheet
321Kb / 3P
SCHOTTKY DIODE
More results


Similar Description - BAT42W

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BAT54 FCI-BAT54 Datasheet
460Kb / 2P
200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
BAT54X FCI-BAT54X Datasheet
126Kb / 2P
200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
logo
SUNMATE electronic Co.,...
BAS85 SUNMATE-BAS85 Datasheet
276Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAS86 SUNMATE-BAS86 Datasheet
299Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAT54HT1 SUNMATE-BAT54HT1 Datasheet
323Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
BAT85S SUNMATE-BAT85S Datasheet
151Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
BAT86S SUNMATE-BAT86S Datasheet
177Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
LS103A SUNMATE-LS103A Datasheet
200Kb / 2P
200mA Surface Mount Schottky Barrier Diode
RB520S-30 SUNMATE-RB520S-30 Datasheet
303Kb / 3P
200mA Surface Mount Schottky Barrier Diode
logo
WILLAS ELECTRONIC CORP
WB0230QRL WILLAS-WB0230QRL Datasheet
934Kb / 6P
200mA Surface Mount Schottky Barrier Rectifiers - 30V 0402 Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com