Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT81 Datasheet (PDF) - SUNMATE electronic Co., LTD

BAT81 Datasheet PDF - SUNMATE electronic Co., LTD
Part # BAT81
Download  BAT81 Download
File Size   213.02 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 30mA Axial Leaded Schottky Barrier Diodes

BAT81 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT81 Datasheet PDF - SUNMATE electronic Co., LTD

Part # BAT81
Download  BAT81 Click to download

File Size   213.02 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 30mA Axial Leaded Schottky Barrier Diodes

BAT81 Datasheet (HTML) - SUNMATE electronic Co., LTD




Similar Part No. - BAT81

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT81 PHILIPS-BAT81 Datasheet
27Kb / 5P
Schottky barrier diodes
1996 Mar 20
logo
EIC discrete Semiconduc...
BAT81 EIC-BAT81 Datasheet
36Kb / 2P
SCHOTTKY BARRIER DIODES
logo
New Jersey Semi-Conduct...
BAT81 NJSEMI-BAT81 Datasheet
39Kb / 1P
Schottky Barrier Diodes
logo
Vishay Siliconix
BAT81S VISHAY-BAT81S Datasheet
39Kb / 4P
Schottky Barrier Diodes
01-Apr-99
BAT81S VISHAY-BAT81S Datasheet
116Kb / 5P
Small Signal Schottky Diodes
26-Feb-07
More results


Similar Description - BAT81

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N5711 SUNMATE-1N5711 Datasheet
217Kb / 2P
15mA Axial Leaded Schottky Barrier Diodes
1SS165 SUNMATE-1SS165 Datasheet
197Kb / 2P
15mA Axial Leaded Schottky Barrier Diodes
1SS166 SUNMATE-1SS166 Datasheet
200Kb / 2P
15mA Axial Leaded Schottky Barrier Diodes
BAT41 SUNMATE-BAT41 Datasheet
132Kb / 2P
100mA Axial Leaded Schottky Barrier Diodes
BAT42 SUNMATE-BAT42 Datasheet
164Kb / 2P
200mA Axial Leaded Schottky Barrier Diodes
BAT46 SUNMATE-BAT46 Datasheet
179Kb / 2P
150mA Axial Leaded Schottky Barrier Diodes
BAT47 SUNMATE-BAT47 Datasheet
246Kb / 1P
350mA Axial Leaded Schottky Barrier Diodes
BAT86 SUNMATE-BAT86 Datasheet
68Kb / 1P
0.2A Axial Leaded Schottky Barrier Diodes
RB721Q SUNMATE-RB721Q Datasheet
161Kb / 1P
30mA Axial Leaded Schottky Barrier Diodes
SD101A SUNMATE-SD101A Datasheet
197Kb / 2P
2.0A Axial Leaded Schottky Barrier Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com