Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER302 Datasheet (PDF) - SUNMATE electronic Co., LTD

ER302 Datasheet PDF - SUNMATE electronic Co., LTD
Part # ER302
Download  ER302 Download
File Size   264.09 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 3.0A Axial Leaded Super Fast Rectifier

ER302 Datasheet (PDF)

Go To PDF Page Download Datasheet
ER302 Datasheet PDF - SUNMATE electronic Co., LTD

Part # ER302
Download  ER302 Click to download

File Size   264.09 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 3.0A Axial Leaded Super Fast Rectifier

ER302 Datasheet (HTML) - SUNMATE electronic Co., LTD


ER302 Product details

Features
• Low cost
• Low leakage
• Low forward voltage drop
• High current capability
• Easily cleaned with alcohol,Isopropanol
   and similar solvents
• The plastic material carries U/L recognition 94V-0




Similar Part No. - ER302

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER302 PANJIT-ER302 Datasheet
66Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
ER302 TRSYS-ER302 Datasheet
143Kb / 3P
SUPERFAST RECOVERY RECTIFIERS
logo
Micro Commercial Compon...
ER302 MCC-ER302 Datasheet
86Kb / 2P
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Pan Jit International I...
ER302 PANJIT-ER302 Datasheet
48Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ER302 BILIN-ER302 Datasheet
93Kb / 2P
SUPER FAST RECTIFIER
More results


Similar Description - ER302

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF31 FORMOSA-SF31_13 Datasheet
182Kb / 6P
3.0A Axial Leaded Super Fast Rectifiers-50-600V
logo
SUNMATE electronic Co.,...
1N5400 SUNMATE-1N5400 Datasheet
80Kb / 2P
3.0A Axial Leaded Rectifier
31DF1 SUNMATE-31DF1 Datasheet
117Kb / 2P
3.0A Axial Leaded Super Fast Rectifiers
31DF4 SUNMATE-31DF4 Datasheet
162Kb / 2P
3.0A Axial Leaded Super- Fast Rectifiers
BYT41A SUNMATE-BYT41A Datasheet
93Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
BYT43A SUNMATE-BYT43A Datasheet
110Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
BYV26A SUNMATE-BYV26A Datasheet
155Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
MUR105 SUNMATE-MUR105 Datasheet
111Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
SF11 SUNMATE-SF11 Datasheet
107Kb / 2P
1.0A Axial Leaded Super Fast Rectifier Diodes
SF31 SUNMATE-SF31 Datasheet
135Kb / 2P
3.0A Axial Leaded Super Fast Rectifier Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com