Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

MM3Z Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # MM3Z_15
Download  MM3Z Download
File Size   220.73 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 200mW Steady State Power Rating

MM3Z Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3Z Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # MM3Z_15
Download  MM3Z Click to download

File Size   220.73 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 200mW Steady State Power Rating

MM3Z Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - MM3Z_15

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM3ZB15 SEMTECH_ELEC-MM3ZB15 Datasheet
208Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM3ZB15 HTSEMI-MM3ZB15 Datasheet
503Kb / 3P
Silicon Planar Zener Diodes
logo
Sangdest Microelectroni...
MM3ZB15 SMC-MM3ZB15 Datasheet
166Kb / 5P
ZENER DIODES
logo
Surge Components
MM3ZB15 SURGE-MM3ZB15 Datasheet
564Kb / 3P
Silicon Planar Zener Diodes
logo
Guangdong Huixin Electr...
MM3ZB15-A HUIXIN-MM3ZB15-A Datasheet
2Mb / 4P
Silicon Planar Zener Diodes
More results


Similar Description - MM3Z_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMT10V275 MOTOROLA-MMT10V275 Datasheet
90Kb / 4P
BIDIRECTIONAL THYRISTOR SURGE SUPPRESSORS 25 WATTS STEADY STATE
logo
SeCoS Halbleitertechnol...
1.5KE6.8 SECOS-1.5KE6.8 Datasheet
218Kb / 4P
VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
P4KE6.8 SECOS-P4KE6.8 Datasheet
194Kb / 4P
400W Peak Power / 1.0W Steady State 400W Peak Power TVS
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
600W Peak Power / 5.0W Steady State 600W Peak Power TVS
logo
Rectron Semiconductor
TMPG06-27 RECTRON-TMPG06-27 Datasheet
28Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR 300 WATT PEAK POWER 1.0 WATT STEADY STATE
logo
AMETHERM Circuit Protec...
SL054R003 AMETHERM-SL054R003_12 Datasheet
28Kb / 1P
Max Steady State Current upto 65째c: 3.00 A
logo
SeCoS Halbleitertechnol...
1.5KE SECOS-1.5KE_15 Datasheet
332Kb / 3P
1500W Peak Power 5.0W Steady State 1500W Peak Power TVS
MM3Z SECOS-MM3Z Datasheet
220Kb / 3P
Standard Zener Breakdown Voltage 2.4V~39V 200mW Steady State Power Rating
logo
Leshan Radio Company
SZAF2.4A LRC-SZAF2.4A Datasheet
1Mb / 9P
Zener voltage regulator diodes 1 Watt Steady State
LUDZS2.0BT1G LRC-LUDZS2.0BT1G Datasheet
133Kb / 5P
High demand voltage range Steady State Power Rating of 200 mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com