Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIN202 Datasheet (PDF) - Intersil Corporation

HIN202 Datasheet PDF - Intersil Corporation
Part # HIN202
Download  HIN202 Download
File Size   586.57 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors

HIN202 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIN202 Datasheet PDF - Intersil Corporation

Part # HIN202
Download  HIN202 Click to download

File Size   586.57 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors

HIN202 Datasheet (HTML) - Intersil Corporation


HIN202 Product details

The HIN202, HIN206, HIN207, HIN208, HIN211, HIN213 family of RS-232 transmitters/receivers interface circuits meet all ElA RS-232E and V.28 specifications, and are particularly suited for those applications where ±12V is not available. They require a single +5V power supply and feature onboard charge pump voltage converters which generate +10V and -10V supplies from the 5V supply. The family of devices offers a wide variety of RS-232 transmitter/receiver combinations to accommodate various applications



Features

• Pb-Free Plus Anneal Available (RoHS Compliant)

• Meets All RS-232E and V.28 Specifications

• Requires Only 0.1µF or Greater External Capacitors

• High Data Rate. . . . . . . . . . . . . . . . . . . . . . . . . . .120kbit/s

• Two Receivers Active in Shutdown Mode (HIN213)

• Requires Only Single +5V Power Supply

• Onboard Voltage Doubler/Inverter

• Low Power Consumption (Typ) . . . . . . . . . . . . . . . . . 5mA

• Low Power Shutdown Function (Typ) . . . . . . . . . . . . .1µA

• Three-State TTL/CMOS Receiver Outputs

• Multiple Drivers

- ±10V Output Swing for +5V lnput

- 300Ω Power-Off Source Impedance

- Output Current Limiting

- TTL/CMOS Compatible

- 30V/µs Maximum Slew Rate

• Multiple Receivers

- ±30V Input Voltage Range

- 3kΩ to 7kΩ Input Impedance

- 0.5V Hysteresis to Improve Noise Rejection



Applications

• Any System Requiring RS-232 Communications Port

- Computer - Portable, Mainframe, Laptop

- Peripheral - Printers and Terminals

- Instrumentation

- Modems




Similar Part No. - HIN202

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN202 INTERSIL-HIN202 Datasheet
203Kb / 13P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
2000 05
logo
Harris Corporation
HIN202 HARRIS-HIN202 Datasheet
158Kb / 14P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN202 INTERSIL-HIN202 Datasheet
491Kb / 19P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
July 27, 2005
HIN202 INTERSIL-HIN202 Datasheet
484Kb / 19P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
July 27, 2005
logo
Renesas Technology Corp
HIN202 RENESAS-HIN202 Datasheet
959Kb / 20P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results


Similar Description - HIN202

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN201 INTERSIL-HIN201 Datasheet
203Kb / 13P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
2000 05
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
High Speed 5V Powered RS-232 Transmitters/Receivers
2000 05
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
5V Powered RS-232 Transmitters/Receivers
2000 05
logo
Harris Corporation
HIN200 HARRIS-HIN200 Datasheet
158Kb / 14P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
5V Powered RS-232 Transmitters/Receivers
August 31, 2005
HIN202 INTERSIL-HIN202_05 Datasheet
491Kb / 19P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
July 27, 2005
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
5V Powered RS-232 Transmitters/Receivers
September 26, 2008
HIN202CPZ INTERSIL-HIN202CPZ Datasheet
484Kb / 19P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
July 27, 2005
logo
Renesas Technology Corp
HIN202 RENESAS-HIN202 Datasheet
959Kb / 20P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
5V Powered RS-232 Transmitters/Receivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com