Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

181RKI Datasheet (PDF) - International Rectifier

181RKI Datasheet PDF - International Rectifier
Part # 181RKI
Download  181RKI Download
File Size   224.59 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description PHASE CONTROL THYRISTORS Stud Version

181RKI Datasheet (PDF)

Go To PDF Page Download Datasheet
181RKI Datasheet PDF - International Rectifier

Part # 181RKI
Download  181RKI Click to download

File Size   224.59 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description PHASE CONTROL THYRISTORS Stud Version

181RKI Datasheet (HTML) - International Rectifier


181RKI Product details

Features
■ Hermetic glass-metal seal
■ dv/dt = 1000V/µs option
■ International standard case TO-209AB (TO-93)
■ Threaded studs UNF 3/4 - 16UNF2A

TypicalApplications
■ DC motor controls
■ Controlled DC power supplies
■ AC controllers




Similar Part No. - 181RKI

ManufacturerPart #DatasheetDescription
logo
International Rectifier
181RKI100 IRF-181RKI100 Datasheet
137Kb / 7P
PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
181RKI100 VISHAY-181RKI100 Datasheet
187Kb / 7P
Phase Control Thyristors (Stud Version), 180 A
05-Jun-08
181RKI100 VISHAY-181RKI100 Datasheet
156Kb / 8P
Phase Control Thyristors (Stud Version), 180 A
03-Nov-09
181RKI100 VISHAY-181RKI100 Datasheet
205Kb / 9P
Phase Control Thyristors
05-Jun-08
181RKI100PBF VISHAY-181RKI100PBF Datasheet
134Kb / 7P
Phase Control Thyristors (Stud Version), 180 A
11-Aug-08
More results


Similar Description - 181RKI

ManufacturerPart #DatasheetDescription
logo
International Rectifier
111RKI IRF-111RKI Datasheet
283Kb / 7P
PHASE CONTROL THYRISTORS Stud Version
ST110S IRF-ST110S Datasheet
232Kb / 9P
PHASE CONTROL THYRISTORS Stud Version
ST180S IRF-ST180S Datasheet
290Kb / 10P
PHASE CONTROL THYRISTORS Stud Version
ST230S IRF-ST230S Datasheet
289Kb / 10P
PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
PHASE CONTROL THYRISTORS Stud Version
80RIA IRF-80RIA Datasheet
98Kb / 8P
PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
04-Nov-09
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com