Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

200HF Datasheet (PDF) - International Rectifier

200HF Datasheet PDF - International Rectifier
Part # 200HF
Download  200HF Download
File Size   180.33 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description STANDARD RECOVERY DIODES Stud Version

200HF Datasheet (PDF)

Go To PDF Page Download Datasheet
200HF Datasheet PDF - International Rectifier

Part # 200HF
Download  200HF Click to download

File Size   180.33 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description STANDARD RECOVERY DIODES Stud Version

200HF Datasheet (HTML) - International Rectifier


200HF Product details

Features
■ High current carrying capability
■ High surge current capability
■ Types up to 1200V VRRM
■ Stud cathode and stud anode version
■ Standard JEDEC types
■ Diffused junction

Typical Applications
■ Battery chargers
■ Converters
■ Power supplies
■ Machine tool controls




Similar Part No. - 200HF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200HF40MVL1 VISHAY-200HF40MVL1 Datasheet
101Kb / 6P
Standard Recovery Diodes (Stud Version), 200 A
28-May-08
200HF40MVL2 VISHAY-200HF40MVL2 Datasheet
101Kb / 6P
Standard Recovery Diodes (Stud Version), 200 A
28-May-08
200HF40MVL3 VISHAY-200HF40MVL3 Datasheet
101Kb / 6P
Standard Recovery Diodes (Stud Version), 200 A
28-May-08
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
Standard Recovery Diodes (Stud Version), 200 A
28-May-08
200HF40PVL2 VISHAY-200HF40PVL2 Datasheet
101Kb / 6P
Standard Recovery Diodes (Stud Version), 200 A
28-May-08
More results


Similar Description - 200HF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
130HF IRF-130HF Datasheet
309Kb / 6P
STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
STANDARD RECOVERY DIODES Stud Version
SD600N IRF-SD600N Datasheet
264Kb / 8P
STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
Standard Recovery Diodes (Stud Version)
25NS NAINA-25NS Datasheet
109Kb / 2P
Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
Standard Recovery Diodes (Stud Version)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com