Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20ETS16 Datasheet (PDF) - International Rectifier

20ETS16 Datasheet PDF - International Rectifier
Part # 20ETS16
Download  20ETS16 Download
File Size   256.63 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SURFACE MOUNTABLE INPUT RECTIFIER DIODE

20ETS16 Datasheet (PDF)

Go To PDF Page Download Datasheet
20ETS16 Datasheet PDF - International Rectifier

Part # 20ETS16
Download  20ETS16 Click to download

File Size   256.63 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SURFACE MOUNTABLE INPUT RECTIFIER DIODE

20ETS16 Datasheet (HTML) - International Rectifier


20ETS16 Product details

Description/Features
The 20ETS..FP rectifier SAFEIR series has been optimized for very low forward voltage drop, with moderate leakage. The glass passivation technology used has reliable operation up to 150°C junction temperature.
Typical applications are in input rectification and these products are designed to be used with International Rectifier Switches and Output Rectifiers which are available in identical package outlines. Fully isolated package (VINS = 2500 VRMS).
UL E78996 approved




Similar Part No. - 20ETS16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETS16 IRF-20ETS16 Datasheet
142Kb / 7P
INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
20ETS16 ISC-20ETS16 Datasheet
238Kb / 2P
Input Rectifier Diode
20ETS16FP ISC-20ETS16FP Datasheet
263Kb / 2P
Input Rectifier Diode
logo
Vishay Siliconix
20ETS16PBF VISHAY-20ETS16PBF Datasheet
167Kb / 6P
Input Rectifier Diode, 20 A
02-Nov-10
logo
International Rectifier
20ETS16S IRF-20ETS16S Datasheet
142Kb / 7P
INPUT RECTIFIER DIODE
More results


Similar Description - 20ETS16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWS IRF-8EWS Datasheet
199Kb / 7P
SURFACE MOUNTABLE INPUT RECTIFIER DIODE
8EWS08SPBF IRF-8EWS08SPBF Datasheet
213Kb / 7P
SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
8EWS08S IRF-8EWS08S Datasheet
202Kb / 7P
SURFACE MOUNTABLE INPUT RECTIFIER DIODE
logo
Vishay Siliconix
8EWS08SPBF VISHAY-8EWS08SPBF Datasheet
532Kb / 7P
Surface Mountable Input Rectifier Diode, 8 A
01-Jul-09
8EWS16SPBF VISHAY-8EWS16SPBF Datasheet
155Kb / 7P
Surface Mountable Input Rectifier Diode, 8 A
01-Jul-09
VS-8EWS08S-M3 VISHAY-VS-8EWS08S-M3 Datasheet
170Kb / 7P
High Voltage Surface Mountable Input Rectifier Diode, 8 A
19-Jan-17
VS-8EWS12SLHM3 VISHAY-VS-8EWS12SLHM3 Datasheet
123Kb / 5P
High Voltage Surface Mountable Input Rectifier Diode, 8 A
22-Feb-18
VS-8EWS16SLHM3 VISHAY-VS-8EWS16SLHM3 Datasheet
120Kb / 5P
High Voltage Surface Mount Input Rectifier Diode, 8 A
22-Feb-18
VS-8EWS08S-M3 VISHAY-VS-8EWS08S-M3_V01 Datasheet
134Kb / 6P
High Voltage Surface Mountable Input Rectifier Diode, 8 A
24-Sep-2019
VS-8EWS12SLHM3 VISHAY-VS-8EWS12SLHM3_V01 Datasheet
154Kb / 6P
High Voltage Surface Mountable Input Rectifier Diode, 8 A
25-Sep-2019
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com