Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECO550UPSTAA Datasheet (PDF) - Tripp Lite. All Rights Reserved

ECO550UPSTAA Datasheet PDF - Tripp Lite. All Rights Reserved
Part # ECO550UPSTAA_15
Download  ECO550UPSTAA Download
File Size   521.78 Kbytes
Page   4 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description TAA-Compliant ECO Series 120V 550VA 300W Energy-Saving Standby UPS with USB port and 8 Outlets

ECO550UPSTAA Datasheet (PDF)

Go To PDF Page Download Datasheet
ECO550UPSTAA Datasheet PDF - Tripp Lite. All Rights Reserved

Part # ECO550UPSTAA_15
Download  ECO550UPSTAA Click to download

File Size   521.78 Kbytes
Page   4 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description TAA-Compliant ECO Series 120V 550VA 300W Energy-Saving Standby UPS with USB port and 8 Outlets

ECO550UPSTAA Datasheet (HTML) - Tripp Lite. All Rights Reserved


ECO550UPSTAA Product details

Description
The ECO550UPSTAA is compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases.
This standby green UPS offers complete protection from blackouts, brownouts and transient surges. Supports
green energy savings via built-in Eco outlets that automatically power off unused computer accessories like
printers or multi-media speakers when the computer is not in use. Full load efficiency rating of 99% also offers
energy-savings and cooler operation by limiting UPS power consumption to only 3 watts! Eco-friendly design
meets strict RoHS environmental standards. Provides uninterrupted transition to battery-derived AC output
during brownouts and power failures with enough runtime to save and shutdown connected equipment without
data loss. Offers complete protection in an ultra-compact desktop or wall-mountable housing. Includes 4 battery
supported outlets for computer, monitor and two vital system peripheral, plus 4 additional surge
suppression-only outlets for accessories not requiring battery support. Three of the surge-only outlets are designated Eco outlets that can be configured to
automatically power-off when the computer enters standby mode or is shutdown. USB port enables UPS configuration options and unattended system
shutdown without data loss in the case of extended power failure. PowerAlert software is available via free download from www.tripplite.com. USB cable
included. Built-in single line RJ11 phone suppression protects modem, fax machine, cordless phone or other accessories with a dialup/DSL phone connection.
Built-in audible alarm and front panel LEDs offer continuous status information regarding line and battery power operation. 550VA / 300 watt power handling
ability supports entry-level PC systems for up to 17 minutes during power fail conditions. $100,000 connected equipment insurance (USA, Puerto Rico, &
Canada Only).

Features
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
ECO550UPSTAA standby green UPS offers complete protection from blackouts, brownouts and transient surges
Built-in Eco outlets automatically power off unnecessary computer accessories like printers, scanners and speakers when computer is not in use
Full load efficiency rating of 99% saves energy and heat output by limiting UPS power consumption to only 3 watts with only 4 BTU/hr. of heat output
Eco-friendly design meets strict RoHS (Restriction of Hazardous Substances) environmental standards
550VA / 300 watt UPS provides battery-derived AC output during brownouts and power failures to support entry-level desktop computer with 15 inch LCD
monitor up to 17 minutes
Ultra compact UPS supports a variety of placement options for desktop or wallmount use
Includes 4 UPS supported outlets for computer, monitor and 2 vital system peripherals requiring uninterrupted power
Includes 4 Surge-only outlets for accessories not requiring battery support
Three of the Surge-only outlets are designated Eco outlets that can be configured to automatically power-off when the computer is not in use
USB port enables UPS configuration options and unattended system shutdown without data loss in the case of extended power failure.
PowerAlert UPS monitoring software is available for free download from www.tripplite.com
HID-compliant USB port also enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Single line RJ11 phone suppression jacks protects modem, fax machine, cordless phone or other accessories from surges on dial-up/DSL phone
connections
USB cable included
Space-saving right angle input plug
$100,000 connected equipment insurance (USA, Puerto Rico and Canada only)




Similar Part No. - ECO550UPSTAA_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
ECO550UPSTAA TRIPPLITE-ECO550UPSTAA Datasheet
520Kb / 4P
TAA-Compliant 550VA Eco Energy-Saving UPS System
More results


Similar Description - ECO550UPSTAA_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECO550UPS ETC2-ECO550UPS Datasheet
532Kb / 6P
Eco 550VA Energy-saving Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
ECO550UPS TRIPPLITE-ECO550UPS Datasheet
529Kb / 4P
Eco 550VA Energy-saving Standby 120V UPS with USB port
ECO550UPSTAA TRIPPLITE-ECO550UPSTAA Datasheet
520Kb / 4P
TAA-Compliant 550VA Eco Energy-Saving UPS System
ECO650LCDTAA TRIPPLITE-ECO650LCDTAA Datasheet
535Kb / 5P
TAA Compliant ECO 650VA Energy-saving 120V Standby UPS
ECO350UPS TRIPPLITE-ECO350UPS_15 Datasheet
519Kb / 4P
ECO Series 120V 350VA 180W Energy-Saving Standby UPS with USB port and 6 Outlets
ECO550UPS TRIPPLITE-ECO550UPS_15 Datasheet
530Kb / 4P
ECO Series 120V 550VA 300W Energy-Saving Standby UPS with USB port and 8 Outlets
ECO650LCDTAA TRIPPLITE-ECO650LCDTAA_15 Datasheet
535Kb / 5P
TAA-Compliant ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, LCD Display and 8 Outlets
ECO750UPS TRIPPLITE-ECO750UPS_15 Datasheet
510Kb / 4P
ECO Series 120V 750VA 450W Energy-Saving Standby UPS with USB port and 12 Outlets
ECO750UPSTAA TRIPPLITE-ECO750UPSTAA_15 Datasheet
519Kb / 4P
TAA-Compliant ECO Series 120V 750VA 450W Energy-Saving Standby UPS with USB port and 12 Outlets
ECO850LCDTAA TRIPPLITE-ECO850LCDTAA_15 Datasheet
550Kb / 5P
TAA-Compliant ECO Series 120V 850VA 425W Energy-Saving Standby UPS with USB port, LCD Display and 12 Outlets
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com