Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2500F Datasheet (PDF) - SUNMATE electronic Co., LTD

R2500F Datasheet PDF - SUNMATE electronic Co., LTD
Part # R2500F
Download  R2500F Download
File Size   276.19 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 0.2A Axial Leaded High Voltage Rectifier

R2500F Datasheet (PDF)

Go To PDF Page Download Datasheet
R2500F Datasheet PDF - SUNMATE electronic Co., LTD

Part # R2500F
Download  R2500F Click to download

File Size   276.19 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 0.2A Axial Leaded High Voltage Rectifier

R2500F Datasheet (HTML) - SUNMATE electronic Co., LTD


R2500F Product details

Features
● Low cost
● Low leakage
● Low forward voltage drop
● High current capability
● Easily cleaned with alcohol,Isopropanol and similar solvents
● The plastic material carries U/L recognition 94V-0




Similar Part No. - R2500F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R2500F RECTRON-R2500F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Bytes
R2500F BYTES-R2500F Datasheet
154Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Dc Components
R2500F DCCOM-R2500F Datasheet
410Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Formosa MS
R2500F FORMOSA-R2500F Datasheet
34Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
List of Unclassifed Man...
R2500F ETC-R2500F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
More results


Similar Description - R2500F

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1SS141 SUNMATE-1SS141 Datasheet
141Kb / 1P
0.1/0.2A Axial Leaded Small Signal Switching Diode
BAT85 SUNMATE-BAT85 Datasheet
230Kb / 2P
0.2A Axial Leaded Small Signal Schottky Diodes
BAT86 SUNMATE-BAT86 Datasheet
68Kb / 1P
0.2A Axial Leaded Schottky Barrier Diodes
HVM5 SUNMATE-HVM5 Datasheet
45Kb / 1P
0.35A Axial Leaded High Voltage Rectifier
R1200F SUNMATE-R1200F Datasheet
246Kb / 2P
0.2/0.5A Axial Leaded High Voltage Rectifier
SB1H90 SUNMATE-SB1H90 Datasheet
161Kb / 2P
1.0A Axial Leaded High-Voltage Schottky Rectifier
logo
Voltage Multipliers Inc...
FP50S VMI-FP50S_13 Datasheet
141Kb / 2P
High Voltage Rectifier Stacks 2.2A ??3000ns ??Axial Leaded
FP50UF VMI-FP50UF Datasheet
141Kb / 2P
High Voltage Rectifier Stacks 2.2A ??70ns ??Axial Leaded
SP50UF VMI-SP50UF_13 Datasheet
95Kb / 2P
High Voltage Rectifier Stacks 0.5A ??70ns ??Axial Leaded
SPJ100S VMI-SPJ100S_13 Datasheet
127Kb / 2P
High Voltage Rectifier Stacks 50mA ??3000ns ??Axial Leaded
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com