Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPV362MK Datasheet (PDF) - International Rectifier

CPV362MK Datasheet PDF - International Rectifier
Part # CPV362MK
Download  CPV362MK Download
File Size   460.9 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IGBT SIP MODULE Short Circuit Rated UltraFast IGBT

CPV362MK Datasheet (PDF)

Go To PDF Page Download Datasheet
CPV362MK Datasheet PDF - International Rectifier

Part # CPV362MK
Download  CPV362MK Click to download

File Size   460.9 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IGBT SIP MODULE Short Circuit Rated UltraFast IGBT

CPV362MK Datasheet (HTML) - International Rectifier


CPV362MK Product details

Description
The IGBT technology is the key to International Rectifiers advanced line of IMS (Insulated Metal Substrate) Power Modules. These modules are more efficient than comparable bipolar transistor modules, while at the same time having the simpler gate-drive requirements of the familiar power MOSFET. This superior technology has now been coupled to a state of the art materials system that maximizes power throughput with low thermal resistance. This package is highly suited to power applications and where space is at a premium.

Features
• Short Circuit Rated - 10µs @ 125°C, V GE = 15V
• Fully isolated printed circuit board mount package
• Switching-loss rating includes all "tail" losses
• HEXFREDTM soft ultrafast diodes
• Optimized for high operating frequency (over 5kHz)




Similar Part No. - CPV362MK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV362M4F IRF-CPV362M4F Datasheet
287Kb / 10P
IGBT SIP MODULE
CPV362M4F IRF-CPV362M4F Datasheet
283Kb / 10P
IGBT SIP MODULE
logo
Vishay Siliconix
CPV362M4FPBF VISHAY-CPV362M4FPBF Datasheet
246Kb / 9P
IGBT SIP Module
10-Jun-15
logo
International Rectifier
CPV362M4K IRF-CPV362M4K Datasheet
326Kb / 10P
Short Circuit Rated UltraFast IGBT
CPV362M4U IRF-CPV362M4U Datasheet
274Kb / 10P
UltraFast IGBT IGBT SIP MODULE
More results


Similar Description - CPV362MK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPU165MK IRF-CPU165MK Datasheet
92Kb / 2P
IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
CPU165MM IRF-CPU165MM Datasheet
94Kb / 2P
IGBT SIP MODULE Short Circuit Rated Fast IGBT
CPV362MM IRF-CPV362MM Datasheet
447Kb / 8P
IGBT SIP MODULE Short Circuit Rated Fast IGBT
CPV363MK IRF-CPV363MK Datasheet
450Kb / 8P
IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
CPV363MM IRF-CPV363MM Datasheet
450Kb / 8P
IGBT SIP MODULE Short Circuit Rated Fast IGBT
CPV364MK IRF-CPV364MK Datasheet
447Kb / 8P
IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
IRG4PH20KPBF IRF-IRG4PH20KPBF Datasheet
390Kb / 9P
Short Circuit Rated UltraFast IGBT
logo
Vishay Siliconix
CPV363M4KPBF VISHAY-CPV363M4KPBF Datasheet
279Kb / 11P
IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
01-Sep-08
VS-CPV363M4KPBF VISHAY-VS-CPV363M4KPBF Datasheet
261Kb / 10P
IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
25-Oct-17
VS-CPV364M4KPBF VISHAY-VS-CPV364M4KPBF Datasheet
252Kb / 11P
IGBT SIP Module(Short Circuit Rated Ultrafast IGBT)
25-Oct-17
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com