Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2118 Datasheet (PDF) - International Rectifier

IR2118 Datasheet PDF - International Rectifier
Part # IR2118
Download  IR2118 Download
File Size   264.88 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SINGLE CHANNEL DRIVER

IR2118 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2118 Datasheet PDF - International Rectifier

Part # IR2118
Download  IR2118 Click to download

File Size   264.88 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SINGLE CHANNEL DRIVER

IR2118 Datasheet (HTML) - International Rectifier


IR2118 Product details

Description
The IR2117/IR2118(S) is a high voltage, high speed power MOSFET and IGBT driver. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. The logic input is compatible with standard CMOS outputs. The output driver features a high pulse current buffer stage designed for minimum cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high or low side configuration which operates up to 600 volts.

Features
• Floating channel designed for bootstrap operation Fully operational to +600V Tolerant to negative transient voltage dV/dt immune
• Gate drive supply range from 10 to 20V
• Undervoltage lockout
• CMOS Schmitt-triggered inputs with pull-down
• Output in phase with input (IR2117) or out of phase with input (IR2118)
• Also available LEAD-FREE




Similar Part No. - IR2118

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2118 IRF-IR2118 Datasheet
161Kb / 18P
SINGLE CHANNEL DRIVER
IR2118 IRF-IR2118 Datasheet
272Kb / 18P
Gate drive supply range from 10 to 20V
logo
Infineon Technologies A...
IR2118 INFINEON-IR2118 Datasheet
269Kb / 18P
SINGLE CHANNEL DRIVER
Data Sheet No. PD60146 Rev O
logo
International Rectifier
IR2118PBF IRF-IR2118PBF Datasheet
161Kb / 18P
SINGLE CHANNEL DRIVER
IR2118S IRF-IR2118S Datasheet
161Kb / 18P
SINGLE CHANNEL DRIVER
More results


Similar Description - IR2118

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2117 MOTOROLA-MPIC2117 Datasheet
152Kb / 6P
SINGLE CHANNEL DRIVER
logo
International Rectifier
IR2117SPBF IRF-IR2117SPBF Datasheet
161Kb / 18P
SINGLE CHANNEL DRIVER
IRS2117PBF IRF-IRS2117PBF Datasheet
378Kb / 19P
SINGLE CHANNEL DRIVER
AUIRS2117S IRF-AUIRS2117S Datasheet
510Kb / 21P
SINGLE CHANNEL DRIVER
IRS2117 IRF-IRS2117 Datasheet
902Kb / 26P
SINGLE CHANNEL DRIVER
IR2118STRPBF IRF-IR2118STRPBF Datasheet
267Kb / 18P
SINGLE CHANNEL DRIVER
IR2117 IRF-IR2117_15 Datasheet
267Kb / 18P
SINGLE CHANNEL DRIVER
IRS2117PBF IRF-IRS2117PBF_15 Datasheet
902Kb / 26P
SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2117 INFINEON-IR2117 Datasheet
269Kb / 18P
SINGLE CHANNEL DRIVER
Data Sheet No. PD60146 Rev O
AUIRS211S INFINEON-AUIRS211S Datasheet
659Kb / 21P
SINGLE CHANNEL DRIVER
July 15, 2014
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com