Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8112T Datasheet (PDF) - NEC

UPC8112T Datasheet PDF - NEC
Part # UPC8112T
Download  UPC8112T Download
File Size   125.76 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE

UPC8112T Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8112T Datasheet PDF - NEC

Part # UPC8112T
Download  UPC8112T Click to download

File Size   125.76 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE

UPC8112T Datasheet (HTML) - NEC


UPC8112T Product details

DESCRIPTION
The µPC8112TB is a silicon monolithic integrated circuit designed as 1st frequency down-converter for cellular/cordless telephone receiver stage. This IC consists of mixer and local amplifier. The µPC8112TB features high impedance output of open collector. Similar ICs of the µPC2757TB and µPC2758TB feature low impedance output of emitter follower. These TB suffix ICs which are smaller package than conventional T suffix ICs contribute to reduce your system size.

FEATURES
• Excellent RF performance : IIP3 = –7 dBm@fRFin = 1.9 GHz (reference)
                                               IM3 = –88 dBc@PRFin = –38 dBm, 1.9 GHz (reference)
• Similar conversion gain to µPC2757 and lower noise figure than µPC2758
• Minimized carrier leakage : RFIo = –80 dB@fRFin = 900 MHz (reference)
                                              RFIo = –55 dB@fRFin = 1.9 GHz (reference)
• High linearity : PO (sat) = –2.5 dBm TYP.@fRFin = 900 MHz
                          PO (sat) = –3 dBm TYP.@fRFin = 1.9 GHz
• Low current consumption : ICC = 8.5 mA TYP.
• Supply voltage : VCC = 2.7 to 3.3 V
• High-density surface mounting : 6-pin super minimold package

APPLICATIONS
• 1.5 GHz to 1.9 GHz cellular/cordless telephone (PHS, DECT, PDC1.5G and so on)
• 800 MHz to 900 MHz cellular telephone (PDC800M and so on)




Similar Part No. - UPC8112T

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
logo
Renesas Technology Corp
UPC8112TB RENESAS-UPC8112TB Datasheet
273Kb / 22P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC8112TB-E3 RENESAS-UPC8112TB-E3 Datasheet
273Kb / 22P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
logo
California Eastern Labs
UPC8112TB-E3-A CEL-UPC8112TB-E3-A Datasheet
173Kb / 5P
3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
More results


Similar Description - UPC8112T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8106TB NEC-UPC8106TB Datasheet
185Kb / 24P
SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
UPC8119T NEC-UPC8119T Datasheet
550Kb / 52P
VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
UPC8128TA NEC-UPC8128TA Datasheet
138Kb / 16P
SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
UPC8163TB NEC-UPC8163TB Datasheet
133Kb / 16P
SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
logo
Toshiba Semiconductor
TB31213FN TOSHIBA-TB31213FN Datasheet
628Kb / 18P
PLL FREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
TB31214FN TOSHIBA-TB31214FN Datasheet
631Kb / 18P
PLL FREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
Cordless Telephone
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
Cordless Telephone
logo
NEC
UPC8128TB NEC-UPC8128TB Datasheet
287Kb / 52P
SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com