Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR6210 Datasheet (PDF) - International Rectifier

IR6210 Datasheet PDF - International Rectifier
Part # IR6210
Download  IR6210 Download
File Size   238.97 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INTELLIGENT HIGH SIDE MOSFET POWER SWITCH

IR6210 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR6210 Datasheet PDF - International Rectifier

Part # IR6210
Download  IR6210 Click to download

File Size   238.97 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INTELLIGENT HIGH SIDE MOSFET POWER SWITCH

IR6210 Datasheet (HTML) - International Rectifier


IR6210 Product details

General Description
The IR6210 is a 5 terminal monolithic high side switch with built in short circuit, over- temperature, ESD protections, inductive load turn off capability and diagnostic feedback.
The on-chip protection circuit goes into PWM mode, limiting the average current during short circuit if the drain current exceeds 5A. The protection circuit latches off the high side switch if the junction temperature exceeds 170oC and latches on after the junction temperature falls by 10oC. The Vcc (drain) to out (source) voltage is actively clamped at 55V, improving its performance during turn off with inductive loads.

Features
• PWM current limit for short circuit protection
• Over-temperature protection
• Active output negative clamp
• Reverse battery protection for logic circuit
• Broken ground protection
• Short to Vcc protection
• Low noise charge pump
• Sleep mode supply current
• 4kV ESD protection on all leads
• Logic ground isolated from power ground

Applications
• Solenoid driver
• Programmable logic controller




Similar Part No. - IR6210

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR6216 IRF-IR6216 Datasheet
237Kb / 4P
INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
More results


Similar Description - IR6210

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR6216 IRF-IR6216 Datasheet
237Kb / 4P
INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IR6220 IRF-IR6220 Datasheet
237Kb / 4P
INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IR6224 IRF-IR6224 Datasheet
240Kb / 4P
INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IR6226 IRF-IR6226 Datasheet
238Kb / 4P
INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IR6320G IRF-IR6320G Datasheet
59Kb / 4P
INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IR6311G IRF-IR6311G Datasheet
56Kb / 4P
INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com