Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8126K Datasheet (PDF) - NEC

UPC8126K Datasheet PDF - NEC
Part # UPC8126K
Download  UPC8126K Download
File Size   214.57 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS

UPC8126K Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8126K Datasheet PDF - NEC

Part # UPC8126K
Download  UPC8126K Click to download

File Size   214.57 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS

UPC8126K Datasheet (HTML) - NEC


UPC8126K Product details

DESCRIPTION
The UPC8125GR is a Silicon MMIC manufactured with the NESAT IIITM silicon bipolar process. The IC consists of a 1.8 - 2.0 GHz upconverter with AGC function and a 220 - 270 MHz IQ modulator. The device operates over a wide 2.7 - 5.5 V supply voltage range and features a power save function. The device was specifically designed for digital mobile communication applications such as 1900 MHz PCS and PHS handsets.
   
FEATURES
• WIDE SUPPLY VOLTAGE RANGE: 2.7 to 5.5 V
• OUTPUT FREQUENCY RANGE: 1.8 to 2.0 GHz
• INTERNAL LPF TO REJECT LO & SPURIOUS LEAKAGE
• PORTS FOR EXTERNAL IF FILTER
• AGC FUNCTION: 40 dB RANGE
• POWER SAVE FUNCTION
• SMALL 20 PIN SSOP PACKAGE
• TAPE AND REEL PACKAGING AVAILABLE
   




Similar Part No. - UPC8126K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
587Kb / 3P
UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
223Kb / 20P
Single Chip Transceiver Silicon MMIC for PHS
UPC8126K NEC-UPC8126K Datasheet
126Kb / 12P
RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K-E1 NEC-UPC8126K-E1 Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results


Similar Description - UPC8126K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
fujitsu semiconductor
MB54609 FUJITSU-MB54609 Datasheet
185Kb / 23P
Quadrature Modulator IC (With 1.0 GHz Up-converter)
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
400MHz Quadrature Modulator and AGC
June 1999
logo
NEC
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
AGC/UP-CONVERTER WITH IQ MODULATOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com