Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF100 Datasheet (PDF) - SUNMATE electronic Co., LTD

UF100 Datasheet PDF - SUNMATE electronic Co., LTD
Part # UF100
Download  UF100 Download
File Size   89.33 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 1.0A Axial Leaded Ultrfast Switching Fast Rectifier

UF100 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF100 Datasheet PDF - SUNMATE electronic Co., LTD

Part # UF100
Download  UF100 Click to download

File Size   89.33 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 1.0A Axial Leaded Ultrfast Switching Fast Rectifier

UF100 Datasheet (HTML) - SUNMATE electronic Co., LTD


UF100 Product details

Features
 • Plastic package has Underwriters Laboratory
    Flammability Classification 94V-O utilizing
    Flame Retardant Epoxy Molding Compound
 • Void-free Plastic in DO-41 package
 • 1.0 ampere operation at TA=55 ¢J with no thermal runaway
 • Exceeds environmental standards of MIL-S-19500/228
 • Ultra fast switching for high efficiency




Similar Part No. - UF100

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF100 PANJIT-UF100 Datasheet
54Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
UF100 TRSYS-UF100 Datasheet
158Kb / 2P
ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF100 PANJIT-UF100 Datasheet
93Kb / 2P
ULTRAFAST RECOVERY RECTIFIER
UF100 PANJIT-UF100 Datasheet
45Kb / 2P
ULTRAFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
UF100 YEASHIN-UF100 Datasheet
79Kb / 2P
ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
More results


Similar Description - UF100

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
11DF1 SUNMATE-11DF1 Datasheet
101Kb / 2P
1.0A Axial Leaded Ultra-Fast Rectifier
11DF3 SUNMATE-11DF3 Datasheet
143Kb / 2P
1.0A Axial Leaded Ultra-Fast Rectifier
BYT41A SUNMATE-BYT41A Datasheet
93Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
BYT43A SUNMATE-BYT43A Datasheet
110Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
BYV26A SUNMATE-BYV26A Datasheet
155Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
MUR105 SUNMATE-MUR105 Datasheet
111Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
SBYV26C SUNMATE-SBYV26C Datasheet
81Kb / 2P
1.0A Axial Leaded Ultra Fast Rectifier
SF11 SUNMATE-SF11 Datasheet
107Kb / 2P
1.0A Axial Leaded Super Fast Rectifier Diodes
UF200 SUNMATE-UF200 Datasheet
90Kb / 2P
2.0A Axial Leaded Ultrfast Switching Fast Rectifier
logo
Shenzhen Yixinwei Techn...
UF2010 YIXIN-UF2010 Datasheet
134Kb / 2P
2.0A Axial Leaded Ultrfast Switching Fast Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com