Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS53 Datasheet (PDF) - SUNMATE electronic Co., LTD

SS53 Datasheet PDF - SUNMATE electronic Co., LTD
Part # SS53
Download  SS53 Download
File Size   98.74 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 5.0A Surface Mount Schottky Barrier Rectifier

SS53 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS53 Datasheet PDF - SUNMATE electronic Co., LTD

Part # SS53
Download  SS53 Click to download

File Size   98.74 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 5.0A Surface Mount Schottky Barrier Rectifier

SS53 Datasheet (HTML) - SUNMATE electronic Co., LTD


SS53 Product details

Features

• Metal-Semiconductor junction with gard ring

• Epitaxial construction

• Low forward voltage drop

• High current capability

• The plastic material carries UL recognition 94V-0

• For use in low vlotage, high frequency inverters, free wheeling, and polarity protection applications



 




Similar Part No. - SS53

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SS53 JINANJINGHENG-SS53 Datasheet
79Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS53 YANGJIE-SS53 Datasheet
156Kb / 2P
Schottky Rectifier
logo
Frontier Electronics.
SS53 FRONTIER-SS53 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS53 LUGUANG-SS53 Datasheet
257Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SS53 LUGUANG-SS53 Datasheet
395Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - SS53

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SD520S WTE-SD520S Datasheet
43Kb / 3P
5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B520C DIODES-B520C Datasheet
48Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. C-2
B520C_ DIODES-B520C_ Datasheet
426Kb / 3P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 8 - 2
B520C DIODES-B520C_10 Datasheet
97Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 14 - 2
B540C-13 DIODES-B540C-13 Datasheet
167Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 15
B520C-13 DIODES-B520C-13 Datasheet
293Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
SK52 SUNMATE-SK52 Datasheet
101Kb / 2P
5.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B520C DIODES-B520C_15 Datasheet
293Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
B520CQ DIODES-B520CQ Datasheet
431Kb / 5P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
January 2016
B520CE DIODES-B520CE Datasheet
478Kb / 5P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
December 2019 Rev. 3 - 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com