Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ4678 Datasheet (PDF) - SUNMATE electronic Co., LTD

MMSZ4678 Datasheet PDF - SUNMATE electronic Co., LTD
Part # MMSZ4678
Download  MMSZ4678 Download
File Size   316.46 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 500mW Surface Mount Zener Diodes

MMSZ4678 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ4678 Datasheet PDF - SUNMATE electronic Co., LTD

Part # MMSZ4678
Download  MMSZ4678 Click to download

File Size   316.46 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 500mW Surface Mount Zener Diodes

MMSZ4678 Datasheet (HTML) - SUNMATE electronic Co., LTD


MMSZ4678 Product details

Features
● Total Power Dissipation 500 mW on FR-4 or FR-5 Board
● Wide Zener Reverse Voltage Range 1.8 V to 43 V
● Package Designed for Optimal Automated Board Assembly
● Small Package Size for High Density Applications




Similar Part No. - MMSZ4678

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MMSZ4678 EIC-MMSZ4678 Datasheet
118Kb / 4P
ZENER DIODES
logo
Shenzhen Luguang Electr...
MMSZ4678 LUGUANG-MMSZ4678 Datasheet
421Kb / 3P
Zener Diodes
logo
Micro Commercial Compon...
MMSZ4678 MCC-MMSZ4678 Datasheet
346Kb / 5P
500mW Silicon Zener Diodes
logo
Jiangsu Changjiang Elec...
MMSZ4678 JIANGSU-MMSZ4678 Datasheet
752Kb / 4P
ZENER DIODE
logo
Foshan Blue Rocket Elec...
MMSZ4678 FOSHAN-MMSZ4678 Datasheet
757Kb / 7P
Zener Diode in a SOD-123 Plastic Package.
More results


Similar Description - MMSZ4678

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TZM5221B TAITRON-TZM5221B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
TZMC2V4 TAITRON-TZMC2V4 Datasheet
199Kb / 5P
500mW Surface Mount Zener Diodes
ZMM5221B TAITRON-ZMM5221B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ2V4 SUNMATE-MMSZ2V4 Datasheet
387Kb / 3P
500mW Surface Mount Zener Diodes
MMSZ5221 SUNMATE-MMSZ5221 Datasheet
224Kb / 2P
500mW Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
MMSZ5221B CHENG-YI-MMSZ5221B Datasheet
734Kb / 4P
500mW SURFACE MOUNT ZENER DIODES
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
500mW SOD-123 Surface Mount Zener Diodes
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
500mW, SOD-123LH Surface Mount Zener Diodes
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
500mW Surface Mount Zener Diodes - 2.0V-100V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com