Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16335 Datasheet (PDF) - NEC

UPD16335 Datasheet PDF - NEC
Part # UPD16335
Download  UPD16335 Download
File Size   70.85 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 96-Bit AC-PDP DRIVER

UPD16335 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16335 Datasheet PDF - NEC

Part # UPD16335
Download  UPD16335 Click to download

File Size   70.85 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 96-Bit AC-PDP DRIVER

UPD16335 Datasheet (HTML) - NEC


UPD16335 Product details

96-Bit AC-PDP DRIVER

The µPD16335 is a high-voltage CMOS driver designed for flat display panels such as PDPs, VFDs and ELs. It consists of a 96-bit bi-directional shift register, 96-bit latch and high-voltage CMOS driver. The logic block is designed to operate using a 5-V power supply enabling direct connection to a gate array or a microcontroller. In addition, the µPD16335 achieves low power dissipation by employing CMOS structure while having a high withstand voltage output (80 V, +50/–75 mA).

FEATURES
• Selectable by IBS pin; three 32-bit bi-directional shift register circuits configuration or six 16-bit bi-directional shift register circuits configuration
• Data control with transfer clock (external) and latch
• High-speed data transfer (fmax. = 25 MHz min. at data fetch)
                                           (fmax. = 16 MHz min. at cascade connection)
• High withstand output voltage (80 V, +50/–75 mAMAX.)
• 5 V CMOS input interface
• High withstand voltage CMOS structure
• Capable of reversing all driver outputs by PC pin




Similar Part No. - UPD16335

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16335 RENESAS-UPD16335 Datasheet
200Kb / 14P
MOS INTEGRATED CIRCUIT
1998
More results


Similar Description - UPD16335

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16334 NEC-UPD16334 Datasheet
97Kb / 12P
96-Bit AC-PDP DRIVER
UPD16337 NEC-UPD16337 Datasheet
102Kb / 16P
64-BIT AC-PDP DRIVER
UPD16340 NEC-UPD16340 Datasheet
97Kb / 16P
96-BIT AC-PDP DRIVER
UPD16341 NEC-UPD16341 Datasheet
125Kb / 9P
96-BIT AC-PDP DRIVER
UPD16347 NEC-UPD16347 Datasheet
163Kb / 26P
192-BIT AC-PDP DRIVER
UPD16342 NEC-UPD16342 Datasheet
142Kb / 15P
96-BIT AC-PDP DRIVER
logo
Integral Corp.
IND16305 INTEGRAL-IND16305 Datasheet
342Kb / 7P
40-BIT AC-PDP DRIVER
IND16337 INTEGRAL-IND16337 Datasheet
324Kb / 9P
64-BIT AC-PDP DRIVER
logo
Renesas Technology Corp
PD16334 RENESAS-PD16334_15 Datasheet
302Kb / 14P
96-Bit AC-PDP DRIVER
PD16335 RENESAS-PD16335_15 Datasheet
201Kb / 14P
96-Bit AC-PDP DRIVER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com