Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7401 Datasheet (PDF) - International Rectifier

IRF7401 Datasheet PDF - International Rectifier
Part # IRF7401
Download  IRF7401 Download
File Size   118.89 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)

IRF7401 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7401 Datasheet PDF - International Rectifier

Part # IRF7401
Download  IRF7401 Click to download

File Size   118.89 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)

IRF7401 Datasheet (HTML) - International Rectifier


IRF7401 Product details

Description

Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications.



• Generation V Technology

• Ultra Low On-Resistance

• N-Channel Mosfet

• Surface Mount

• Available in Tape & Reel

• Dynamic dv/dt Rating

• Fast Switching



 




Similar Part No. - IRF7401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
IRF7401 AD-IRF7401 Datasheet
416Kb / 24P
Thermoelectric Cooler Controller
11/03-Data Sheet Changed from REV. B to REV. C.
IRF7401 AD-IRF7401 Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
logo
Guangdong Youtai Semico...
IRF7401 UMW-IRF7401 Datasheet
408Kb / 8P
N-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRF7401 EVVOSEMI-IRF7401 Datasheet
402Kb / 8P
N-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF7401PBF IRF-IRF7401PBF Datasheet
197Kb / 9P
HEXFET짰 Power MOSFET
More results


Similar Description - IRF7401

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5850 IRF-IRF5850 Datasheet
126Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.135ohm)
IRF7504 IRF-IRF7504 Datasheet
115Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.27ohm)
IRF7530 IRF-IRF7530 Datasheet
83Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7555 IRF-IRF7555 Datasheet
71Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.055ohm)
IRF7604 IRF-IRF7604 Datasheet
134Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
IRF7607 IRF-IRF7607 Datasheet
77Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7663 IRF-IRF7663 Datasheet
77Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.020ohm)
IRF7750 IRF-IRF7750 Datasheet
110Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.030ohm)
IRLZ44N IRF-IRLZ44N Datasheet
369Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
IRLZ44NS IRF-IRLZ44NS Datasheet
178Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com