Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7467 Datasheet (PDF) - International Rectifier

IRF7467 Datasheet PDF - International Rectifier
Part # IRF7467
Download  IRF7467 Download
File Size   114.49 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)

IRF7467 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7467 Datasheet PDF - International Rectifier

Part # IRF7467
Download  IRF7467 Click to download

File Size   114.49 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)

IRF7467 Datasheet (HTML) - International Rectifier


IRF7467 Product details

SMPS MOSFET

Benefits
• Ultra-Low Gate Impedance
• Very Low RDS(on) at 4.5V VGS
• Fully Characterized Avalanche Voltage and Current

Applications
• High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
• High Frequency Buck Converters for Computer Processor Power




Similar Part No. - IRF7467

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7467PBF IRF-IRF7467PBF Datasheet
125Kb / 8P
SMPS MOSFET
logo
VBsemi Electronics Co.,...
IRF7467TRPBF VBSEMI-IRF7467TRPBF Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
More results


Similar Description - IRF7467

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
IRF1010ES IRF-IRF1010ES Datasheet
123Kb / 10P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A??
IRF3708 IRF-IRF3708 Datasheet
138Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
IRFB11N50A IRF-IRFB11N50A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
IRFIZ48V IRF-IRFIZ48V Datasheet
93Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
IRFPC50A IRF-IRFPC50A Datasheet
95Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=0.58ohm, Id=11A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFZ48V IRF-IRFZ48V Datasheet
111Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRFZ48VS IRF-IRFZ48VS Datasheet
282Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com