Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7507 Datasheet (PDF) - International Rectifier

IRF7507 Datasheet PDF - International Rectifier
Part # IRF7507
Download  IRF7507 Download
File Size   216.02 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-20V)

IRF7507 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7507 Datasheet PDF - International Rectifier

Part # IRF7507
Download  IRF7507 Click to download

File Size   216.02 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-20V)

IRF7507 Datasheet (HTML) - International Rectifier


IRF7507 Product details

            N-Ch         P-Ch

VDSS       20V         -20V

RDS(on) 0.135Ω        0.27Ω



Description

Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.

The new Micro8 package, with half the footprint area of the standard SO-8, provides the smallest footprint available in an SOIC outline. This makes the Micro8 an ideal device for applications where printed circuit board space is at a premium. The low profile (<1.1mm) of the Micro8 will allow it to fit easily into extremely thin application environments such as portable electronics and PCMCIA cards.



Generation V Technology

Ultra Low On-Resistance

Dual N and P Channel MOSFET

Very Small SOIC Package

Low Profile (<1.1mm)

Available in Tape & Reel

Fast Switching




Similar Part No. - IRF7507

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7507PBF IRF-IRF7507PBF Datasheet
214Kb / 8P
HEXFET짰Power MOSFET
IRF7507PBF IRF-IRF7507PBF Datasheet
219Kb / 8P
Generation V Technology
IRF7507PBF IRF-IRF7507PBF Datasheet
219Kb / 8P
Ultra Low On-Resistance
IRF7507PBF IRF-IRF7507PBF_15 Datasheet
219Kb / 8P
Ultra Low On-Resistance
IRF7507TRPBF IRF-IRF7507TRPBF Datasheet
219Kb / 8P
Generation V Technology
More results


Similar Description - IRF7507

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1902 IRF-IRF1902 Datasheet
107Kb / 9P
Power MOSFET(Vdss=20V)
IRF5806 IRF-IRF5806 Datasheet
218Kb / 8P
Power MOSFET(Vdss=-20V)
IRF5810 IRF-IRF5810 Datasheet
208Kb / 9P
Power MOSFET(Vdss=-20V)
IRF5852 IRF-IRF5852 Datasheet
239Kb / 9P
Power MOSFET(Vdss=20V)
IRF6601 IRF-IRF6601 Datasheet
130Kb / 8P
DirectFET??Power MOSFET(Vdss=20V)
IRF7700 IRF-IRF7700 Datasheet
155Kb / 9P
Power MOSFET(Vdss=-20V)
IRF7707 IRF-IRF7707 Datasheet
154Kb / 8P
Power MOSFET(Vdss=-20V)
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
Power MOSFET(Vdss=-20V)
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
Power MOSFET(Vdss=20V)
IRF7106 IRF-IRF7106 Datasheet
158Kb / 7P
Power MOSFET(Vdss=-20V)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com