Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7521D1 Datasheet (PDF) - International Rectifier

IRF7521D1 Datasheet PDF - International Rectifier
Part # IRF7521D1
Download  IRF7521D1 Download
File Size   177.91 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FETKY??MOSFET / Schottky Diode(Vdss=20V, Rds(on)=0.135ohm, Schottky Vf=0.39V)

IRF7521D1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7521D1 Datasheet PDF - International Rectifier

Part # IRF7521D1
Download  IRF7521D1 Click to download

File Size   177.91 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FETKY??MOSFET / Schottky Diode(Vdss=20V, Rds(on)=0.135ohm, Schottky Vf=0.39V)

IRF7521D1 Datasheet (HTML) - International Rectifier


IRF7521D1 Product details

Description
The FETKYTM family of co-packaged HEXFETs and Schottky diodes offer the designer an innovative board space saving solution for switching regulator applications. Generation 5 HEXFETs utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. Combining this technology with International Rectifiers low forward drop Schottky rectifiers results in an extremely efficient device suitable for use in a wide variety of portable electronics applications like cell phone, PDA, etc.
The new Micro8TM package, with half the footprint area of the standard SO-8, provides the smallest footprint available in an SOIC outline. This makes the Micro8TM an ideal device for applications where printed circuit board space is at a premium. The low profile (<1.1mm) of the Micro8TM will allow it to fit easily into extremely thin application environments such as portable electronics and PCMCIA cards.

● Co-packaged HEXFET® Power MOSFET and Schottky Diode
● N-Channel HEXFET
● Low VF Schottky Rectifier
● Generation 5 Technology
● Micro8TM Footprint




Similar Part No. - IRF7521D1

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF7521D1 KERSEMI-IRF7521D1 Datasheet
727Kb / 8P
Power MOSFET and Schottky Diode
logo
International Rectifier
IRF7521D1PBF IRF-IRF7521D1PBF Datasheet
199Kb / 8P
Co-packaged HEXFET짰 Power MOSFET and Schottky Diode
More results


Similar Description - IRF7521D1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5803D2 IRF-IRF5803D2 Datasheet
127Kb / 11P
FETKY??MOSFET & Schottky Diode(Vdss=-40V, Rds(on)=112ohm)
IRF5850 IRF-IRF5850 Datasheet
126Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.135ohm)
IRF7501 IRF-IRF7501 Datasheet
143Kb / 7P
Power MOSFET(Vdss=20V, Rds(on)=0.135ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7523D1 IRF-IRF7523D1 Datasheet
204Kb / 8P
FETKY??MOSFET / Schottky Diode(Vdss=30V, Rds(on)=0.11ohm, Schottky Vf=0.39V)
IRF7524D1 IRF-IRF7524D1 Datasheet
151Kb / 8P
FETKY??MOSFET & Schottky Diode(Vdss=-20V, Rds(on)=0.27ohm, Schottky Vf=0.39V)
IRF7526D1 IRF-IRF7526D1 Datasheet
120Kb / 8P
FETKY??MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V)
IRF7534D1 IRF-IRF7534D1 Datasheet
106Kb / 8P
FETKY MOSFET & Schottky Diode(Vdss=-20V, Rds(on)=0.055ohm, Schottky Vf=0.39V)
IRF7353D2PBF IRF-IRF7353D2PBF Datasheet
122Kb / 8P
MOSFET / Schottky Diode (VDSS = 30V , RDS(on) = 0.029廓 , Schottky VF = 0.52V)
IRF7322D1 IRF-IRF7322D1 Datasheet
174Kb / 8P
MOSFET Schottky Diode ( VDSS = -20V , RDS(on) = 0.058W , Schottky Vf = 0.39V )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com