Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

885053 Datasheet (PDF) - TriQuint Semiconductor

885053 Datasheet PDF - TriQuint Semiconductor
Part # 885053_15
Download  885053 Download
File Size   623.81 Kbytes
Page   6 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 1880 MHz BAW Filter

885053 Datasheet (PDF)

Go To PDF Page Download Datasheet
885053 Datasheet PDF - TriQuint Semiconductor

Part # 885053_15
Download  885053 Click to download

File Size   623.81 Kbytes
Page   6 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 1880 MHz BAW Filter

885053 Datasheet (HTML) - TriQuint Semiconductor




Similar Part No. - 885053_15

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
8850 KEYSTONE-8850 Datasheet
96Kb / 1P
PTFE FORK INSULATED TERMINAL
3.31.99
logo
Altech corporation
8850.2 ALTECH-8850.2 Datasheet
85Kb / 2P
INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
logo
TriQuint Semiconductor
885007 TRIQUINT-885007 Datasheet
471Kb / 6P
2436 MHz BAW Filter
885007-EVB TRIQUINT-885007-EVB Datasheet
471Kb / 6P
2436 MHz BAW Filter
885007 TRIQUINT-885007_15 Datasheet
471Kb / 6P
2436 MHz BAW Filter
More results


Similar Description - 885053_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855849 TRIQUINT-855849 Datasheet
384Kb / 5P
1880 MHz SAW Filter
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
1030 MHz BAW Filter
856530 TRIQUINT-856530_15 Datasheet
583Kb / 6P
1880 MHz SAW Filter
856705 TRIQUINT-856705_15 Datasheet
327Kb / 6P
1880 MHz SAW Filter
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
915 MHz BAW Filter
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
1960 MHz BAW Filter
885025 TRIQUINT-885025_15 Datasheet
521Kb / 6P
1880 MHz BAW Filter
logo
Qorvo, Inc
880543 QORVO-880543 Datasheet
301Kb / 5P
428 MHz BAW Filter
885135 QORVO-885135 Datasheet
575Kb / 8P
2439.5 MHz BAW Filter
880157 QORVO-880157 Datasheet
237Kb / 6P
2560 MHz BAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com