Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFN250 Datasheet (PDF) - International Rectifier

IRFN250 Datasheet PDF - International Rectifier
Part # IRFN250
Download  IRFN250 Download
File Size   217.76 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.100ohm, Id=27.4A)

IRFN250 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFN250 Datasheet PDF - International Rectifier

Part # IRFN250
Download  IRFN250 Click to download

File Size   217.76 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.100ohm, Id=27.4A)

IRFN250 Datasheet (HTML) - International Rectifier


IRFN250 Product details

RDS(on) 0.100 Ω
ID     27.4A

HEXFET® MOSFET technology is the key to International Rectifier’s advanced line of power MOSFET transistors. The efficient geometry design achieves very low on-state resistance combined with high transconductance. HEXFET transistors also feature all of the well-established advantages of MOSFETs, such as voltage control, very fast switching, ease of paralleling and electrical parameter temperature stability. They are well-suited for applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers, high energy pulse circuits, and virtually any application where high reliability is required. The HEXFET transistor’s totally isolated package eliminates the need for additional isolating material between the device and the heatsink. This improves thermal efficiency and reduces drain capacitance.

Features:
■ Simple Drive Requirements
■ Ease of Paralleling
■ Hermetically Sealed
■ Electrically Isolated
■ Surface Mount
■ Dynamic dv/dt Rating
■ Light-weight




Similar Part No. - IRFN250

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN250 SEME-LAB-IRFN250 Datasheet
25Kb / 2P
N?밅HANNEL POWER MOSFET
logo
International Rectifier
IRFN250 IRF-IRFN250 Datasheet
158Kb / 7P
Simple Drive Requirements
logo
Seme LAB
IRFN250SMD SEME-LAB-IRFN250SMD Datasheet
23Kb / 2P
N-CHANNEL POWER MOSFET
logo
International Rectifier
IRFN250 IRF-IRFN250_15 Datasheet
158Kb / 7P
Simple Drive Requirements
More results


Similar Description - IRFN250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFM260 IRF-IRFM260 Datasheet
442Kb / 8P
TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.060ohm, Id=35A*)
IRFN240 IRF-IRFN240 Datasheet
223Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=18A)
IRFN9240 IRF-IRFN9240 Datasheet
215Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=-200V, Rds(on)=0.51ohm, Id=-11A)
IRFY240CM IRF-IRFY240CM Datasheet
281Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=16A)
JANTX2N6758 IRF-JANTX2N6758 Datasheet
236Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=9A)
JANTX2N6766 IRF-JANTX2N6766 Datasheet
237Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.085ohm, Id=30A)
JANTX2N6784 IRF-JANTX2N6784 Datasheet
233Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=1.5ohm, Id=2.25A)
JANTX2N6790 IRF-JANTX2N6790 Datasheet
236Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.80ohm, Id=3.5A)
JANTX2N6798 IRF-JANTX2N6798 Datasheet
231Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=5.5A)
JANTX2N6806 IRF-JANTX2N6806 Datasheet
241Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com