Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFN3710 Datasheet (PDF) - International Rectifier

IRFN3710 Datasheet PDF - International Rectifier
Part # IRFN3710
Download  IRFN3710 Download
File Size   132.03 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.028ohm, Id=45A)

IRFN3710 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFN3710 Datasheet PDF - International Rectifier

Part # IRFN3710
Download  IRFN3710 Click to download

File Size   132.03 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.028ohm, Id=45A)

IRFN3710 Datasheet (HTML) - International Rectifier


IRFN3710 Product details

100 Volt, 0.028Ω, HEXFET

Generation 5 HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design for which HEXFETs are well known, provides the designer with an extremely efficient device for use in a wide variety of applications.

Features:
■ Surface Mount
■ Small Footprint
■ Alternative to TO-3 Package
■ Hermetically Sealed
■ Avalanche Energy Rating
■ Dynamic dv/dt Rating
■ Simple Drive Requirements
■ Lightweight




Similar Part No. - IRFN3710

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN3710 SEME-LAB-IRFN3710 Datasheet
46Kb / 2P
N?밅HANNEL POWER MOSFET
More results


Similar Description - IRFN3710

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5N3710 IRF-IRF5N3710 Datasheet
116Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
IRFN150 IRF-IRFN150 Datasheet
217Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.060ohm, Id=34A)
IRHF9130 IRF-IRHF9130 Datasheet
128Kb / 8P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
IRHM9160 IRF-IRHM9160 Datasheet
134Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.087ohm, Id=-35*A)
IRHN7130 IRF-IRHN7130 Datasheet
508Kb / 14P
TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14)
IRHN9130 IRF-IRHN9130 Datasheet
120Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-11A)
IRHN9150 IRF-IRHN9150 Datasheet
112Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.120ohm, Id=-22A)
IRHNA9160 IRF-IRHNA9160 Datasheet
153Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.087ohm, Id=-38A)
JANTX2N6756 IRF-JANTX2N6756 Datasheet
236Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14A)
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com