Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFN9140 Datasheet (PDF) - International Rectifier

IRFN9140 Datasheet PDF - International Rectifier
Part # IRFN9140
Download  IRFN9140 Download
File Size   215.95 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET N-CHANNEL(BVdss=-100V, Rds(on)=0.20ohm, Id=-18A)

IRFN9140 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFN9140 Datasheet PDF - International Rectifier

Part # IRFN9140
Download  IRFN9140 Click to download

File Size   215.95 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET N-CHANNEL(BVdss=-100V, Rds(on)=0.20ohm, Id=-18A)

IRFN9140 Datasheet (HTML) - International Rectifier


IRFN9140 Product details

HEXFET® MOSFET technology is the key to International Rectifier’s advanced line of power MOSFET transistors. The efficient geometry design achieves very low on-state resistance combined with high transconductance. HEXFET transistors also feature all of the well-established advantages of MOSFETs, such as voltage control, very fast switching, ease of paralleling and electrical parameter temperature stability. They are well-suited for applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers, high energy pulse circuits, and virtually any application where high reliability is required. The HEXFET transistor’s totally isolated package eliminates the need for additional isolating material between the device and the heatsink. This improves thermal efficiency and reduces drain capacitance.

Features:
■ Simple Drive Requirements
■ Ease of Paralleling
■ Hermetically Sealed
■ Electrically Isolated
■ Surface Mount
■ Dynamic dv/dt Rating
■ Light-weight




Similar Part No. - IRFN9140

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN9140 IRF-IRFN9140 Datasheet
174Kb / 7P
POWER MOSFET SURFACE MOUNT (SMD-1)
IRFN9140 IRF-IRFN9140 Datasheet
179Kb / 7P
Simple Drive Requirements
logo
Seme LAB
IRFN9140SMD SEME-LAB-IRFN9140SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
International Rectifier
IRFN9140 IRF-IRFN9140_15 Datasheet
179Kb / 7P
Simple Drive Requirements
More results


Similar Description - IRFN9140

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN150 IRF-IRFN150 Datasheet
217Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.060ohm, Id=34A)
IRFN240 IRF-IRFN240 Datasheet
223Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=18A)
IRFY130CM IRF-IRFY130CM Datasheet
338Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14.4A)
IRHI7360SE IRF-IRHI7360SE Datasheet
112Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=24.3A)
IRHM7360SE IRF-IRHM7360SE Datasheet
146Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=22A)
IRHNA7360SE IRF-IRHNA7360SE Datasheet
137Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=400V, RdS(on)=0.20ohm, Id=24.3A)
JANTX2N6756 IRF-JANTX2N6756 Datasheet
236Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14A)
JANTX2N6764 IRF-JANTX2N6764 Datasheet
254Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.055ohm, Id=38A)
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
JANTX2N6796 IRF-JANTX2N6796 Datasheet
236Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=8.0A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com