Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16715A Datasheet (PDF) - NEC

UPD16715A Datasheet PDF - NEC
Part # UPD16715A
Download  UPD16715A Download
File Size   120.15 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES

UPD16715A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16715A Datasheet PDF - NEC

Part # UPD16715A
Download  UPD16715A Click to download

File Size   120.15 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES

UPD16715A Datasheet (HTML) - NEC


UPD16715A Product details

DESCRIPTION
The µPD16715A is a source driver for TFT-LCDs capable of dealing with displays with 64-gray scales. Data input is based on digital input configured as 6 bits by 6 dots (2 pixels), which can realize a full-color display of 260,000 colors by output of 64 values γ-corrected by an internal D/A converter and 5-by-2 external power modules. Because the output dynamic range is as large as VSS2 + 0.1 V to VDD2 – 0.1 V, level inversion operation of the LCD’s common electrode is rendered unnecessary. Also, to be able to deal with dot-line inversion when mounted on a single side, this source driver is equipped with a built-in 6-bit D/A converter circuit whose odd output pins and even output pins respectively output gray scale voltages of differing polarity. Assuring a maximum clock frequency of 55 MHz when driving at 3.0 V, this driver is applicable to XGA/SXGA-standard TFT-LCD panels.

FEATURES
• CMOS level input
• 384 outputs
• Input of 6 bits (gradation data) by 6 dots
• Capable of outputting 64 values by means of 5-by-2 external power modules (10 units) and a D/A converter
• Logic power supply (VDD1): 3.3 V ± 0.3 V
• Driver power supply (VDD2): 11.0 V +2.5 –2.0V
• High-speed data transfer: fCLK = 55 MHz (internal data transfer speed when operating at 3.0 V)
• Output dynamic range VSS2 + 0.1 V to VDD2 – 0.1 V
• Apply for only dot-line inversion
• Single bank arrangement is possible (POL)
• Display data inversion function (POL2)
• Low power control function (LPC)
• Single-sided mounting (Slim TCP)




Similar Part No. - UPD16715A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16715A RENESAS-UPD16715A Datasheet
252Kb / 18P
MOS INTEGRATED CIRCUIT
1999
UPD16715AN-XXX RENESAS-UPD16715AN-XXX Datasheet
252Kb / 18P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD16715A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
Renesas Technology Corp
PD16647 RENESAS-PD16647_15 Datasheet
241Kb / 18P
402/384-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD16715A RENESAS-PD16715A_15 Datasheet
253Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER(COMPATIBLE WITH 64-GRAY SCALES)
PD160040 RENESAS-PD160040_15 Datasheet
295Kb / 22P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD160061 RENESAS-PD160061_15 Datasheet
363Kb / 21P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16754 RENESAS-PD16754_15 Datasheet
272Kb / 21P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD16753 RENESAS-PD16753_15 Datasheet
279Kb / 22P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com