Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF212C Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SMF212C Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SMF212C_15
Download  SMF212C Download
File Size   272.48 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 2.0 A High Voltage Fast Rectifier

SMF212C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF212C Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SMF212C_15
Download  SMF212C Click to download

File Size   272.48 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 2.0 A High Voltage Fast Rectifier

SMF212C Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SMF212C_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMF212C SECOS-SMF212C Datasheet
272Kb / 2P
VOLTAGE 1200 V 2.0 A High Voltage Fast Rectifier
More results


Similar Description - SMF212C_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMF212C SECOS-SMF212C Datasheet
272Kb / 2P
VOLTAGE 1200 V 2.0 A High Voltage Fast Rectifier
FR201 SECOS-FR201_09 Datasheet
166Kb / 2P
2.0 A, Fast Recovery Rectifiers
logo
WILLAS ELECTRONIC CORP
EFM201 WILLAS-EFM201 Datasheet
381Kb / 2P
2.0 AMP SUPER FAST RECTIFIER
EFM201A WILLAS-EFM201A Datasheet
389Kb / 2P
2.0 AMP SUPER FAST RECTIFIER
logo
Solid States Devices, I...
RC0098 SSDI-RC0098_15 Datasheet
26Kb / 1P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0167A SSDI-RC0167A_15 Datasheet
105Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25_16 Datasheet
1Mb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Microdiode Semiconducto...
R1200F CHENDA-R1200F Datasheet
534Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
GETAI ELECTRONICS DEVIC...
HVQL20MT150D GETEDZ-HVQL20MT150D Datasheet
473Kb / 1P
2.0 A 15kV--High Voltage Bridge Rectifier
HVQL20MT200D GETEDZ-HVQL20MT200D Datasheet
472Kb / 1P
2.0 A 20kV--High Voltage Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com