Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2880 Datasheet (PDF) - KR Electronics, Inc.

2880 Datasheet PDF - KR Electronics, Inc.
Part # 2880
Download  2880 Download
File Size   35.12 Kbytes
Page   2 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 140 MHz Center Frequency

2880 Datasheet (PDF)

Go To PDF Page Download Datasheet
2880 Datasheet PDF - KR Electronics, Inc.

Part # 2880
Download  2880 Click to download

File Size   35.12 Kbytes
Page   2 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 140 MHz Center Frequency

2880 Datasheet (HTML) - KR Electronics, Inc.




Similar Part No. - 2880

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
2880 ADAFRUIT-2880 Datasheet
204Kb / 3P
2-pin JST SM Plug Receptacle Cable Set
2/19/2016
logo
Multicomp Pro
2880 MULTICOMP-2880 Datasheet
114Kb / 1P
Round Aluminum Through Hole Spacer
01/08/12 V1.0
logo
PHOENIX CONTACT
2880024 PHOENIX-2880024 Datasheet
366Kb / 9P
PT 2X1VA/S1-230AC-ST - Surge protection plug
2880134 PHOENIX-2880134 Datasheet
64Kb / 5P
19" rack with 20 surge protected ports for data interfaces in Ethernet (1000Base-T), Token Ring and FDDI/CDDI networks in acc. with Class D/EN 50173 (CAT5e), connection on the protective device: RJ45 sockets
2880147 PHOENIX-2880147 Datasheet
64Kb / 5P
19" rack with 16 surge protected ports for data interfaces in Ethernet (1000Base-T), Token Ring and FDDI/CDDI networks in acc. with Class D/EN 50173 (CAT5e), connection on the protective device: RJ45 sockets
More results


Similar Description - 2880

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2905 KR-2905 Datasheet
72Kb / 3P
140 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2879 KR-2879 Datasheet
37Kb / 2P
140 MHz Center Frequency
2838-30-SMA KR-2838-30-SMA Datasheet
49Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
3029 KR-3029 Datasheet
71Kb / 3P
140 MHz Center Frequency
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com