Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4BC15MD Datasheet (PDF) - International Rectifier

IRG4BC15MD Datasheet PDF - International Rectifier
Part # IRG4BC15MD
Download  IRG4BC15MD Download
File Size   256.4 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.88V, @Vge=15V, Ic=8.6A)

IRG4BC15MD Datasheet (PDF)

Go To PDF Page Download Datasheet
IRG4BC15MD Datasheet PDF - International Rectifier

Part # IRG4BC15MD
Download  IRG4BC15MD Click to download

File Size   256.4 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.88V, @Vge=15V, Ic=8.6A)

IRG4BC15MD Datasheet (HTML) - International Rectifier


IRG4BC15MD Product details

Features
• Rugged: 10µsec short circuit capable at VGS = 15V
• Low VCE(on) for 4 to 10kHz applications
• IGBT co-packaged with ultra-soft-recovery anti-parallel diodes
• Industry standard TO-220AB package

Benefits
• Best Value for Appliance and Industrial applications
• Offers highest efficiency and short circuit capability for intermediate applications
• Provides best efficiency for the mid range frequency (4 to 10kHz)
• Optimized for Appliance and Industrial applications up to 1HP
• High noise immune "Positive Only" gate drive - Negative bias gate drive not necessary
• For Low EMI designs - requires little or no snubbing
• Single Package switch for bridge circuit applications
• Compatible with high voltage Gate Drive ICs
• Allows simpler gate drive




Similar Part No. - IRG4BC15MD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC15MDPBF IRF-IRG4BC15MDPBF Datasheet
261Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Similar Description - IRG4BC15MD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10SD-S IRF-IRG4BC10SD-S Datasheet
217Kb / 12P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, Ic=2.0A)
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC20KD IRF-IRG4BC20KD Datasheet
199Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
IRG4BC20MDS IRF-IRG4BC20MDS Datasheet
200Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=11A)
IRG4BC20UDS IRF-IRG4BC20UDS Datasheet
235Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC30UD IRF-IRG4BC30UD Datasheet
234Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4PC30FD IRF-IRG4PC30FD Datasheet
210Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
IRG4PC30KD IRF-IRG4PC30KD Datasheet
178Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com