Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4BC40K Datasheet (PDF) - International Rectifier

IRG4BC40K Datasheet PDF - International Rectifier
Part # IRG4BC40K
Download  IRG4BC40K Download
File Size   156.96 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A)

IRG4BC40K Datasheet (PDF)

Go To PDF Page Download Datasheet
IRG4BC40K Datasheet PDF - International Rectifier

Part # IRG4BC40K
Download  IRG4BC40K Click to download

File Size   156.96 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A)

IRG4BC40K Datasheet (HTML) - International Rectifier


IRG4BC40K Product details

Features
• Short Circuit Rated UltraFast: optimized for high
   operating frequencies >5.0 kHz , and Short Circuit
   Rated to 10µs @ 125°C, VGE = 15V
• Generation 4 IGBT design provides higher efficiency
   than Generation 3
• Industry standard TO-247AC package

Benefits
• Generation 4 IGBTs offer highest efficiency available
• IGBTs optimized for specified application conditions




Similar Part No. - IRG4BC40K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC40K IRF-IRG4BC40K Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
IRG4BC40KD IRF-IRG4BC40KD Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
IRG4BC40KPBF IRF-IRG4BC40KPBF Datasheet
574Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40KPBF IRF-IRG4BC40KPBF Datasheet
284Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40KPBF IRF-IRG4BC40KPBF_15 Datasheet
284Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
More results


Similar Description - IRG4BC40K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC30K IRF-IRG4BC30K Datasheet
137Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30U IRF-IRG4BC30U Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC30F IRF-IRG4PC30F Datasheet
145Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
IRG4PC40K IRF-IRG4PC40K Datasheet
119Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A)
IRG4PC40KD IRF-IRG4PC40KD Datasheet
182Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A)
IRG4PC40U IRF-IRG4PC40U Datasheet
148Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
IRG4PC40W IRF-IRG4PC40W Datasheet
116Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.05V, @Vge=15V, Ic=20A)
IRG4PC50F IRF-IRG4PC50F Datasheet
146Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com