Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4PH40U Datasheet (PDF) - International Rectifier

IRG4PH40U Datasheet PDF - International Rectifier
Part # IRG4PH40U
Download  IRG4PH40U Download
File Size   163.93 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A)

IRG4PH40U Datasheet (PDF)

Go To PDF Page Download Datasheet
IRG4PH40U Datasheet PDF - International Rectifier

Part # IRG4PH40U
Download  IRG4PH40U Click to download

File Size   163.93 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A)

IRG4PH40U Datasheet (HTML) - International Rectifier


IRG4PH40U Product details

Features
• UltraFast: Optimized for high operating
   frequencies up to 40 kHz in hard switching,
   >200 kHz in resonant mode
• New IGBT design provides tighter
   parameter distribution and higher efficiency than
   previous generations
• Optimized for power conversion; SMPS, UPS
   and welding
• Industry standard TO-247AC package

Benefits
• Higher switching frequency capability than
   competitive IGBTs
• Highest efficiency available
• Much lower conduction losses than MOSFETs
• More efficient than short circuit rated IGBTs




Similar Part No. - IRG4PH40U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH40UD IRF-IRG4PH40UD Datasheet
220Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A)
IRG4PH40UD IRF-IRG4PH40UD Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
IRG4PH40UD2 IRF-IRG4PH40UD2 Datasheet
248Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UD2-E IRF-IRG4PH40UD2-E Datasheet
251Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UD2-EP IRF-IRG4PH40UD2-EP Datasheet
231Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Similar Description - IRG4PH40U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PH20K IRF-IRG4PH20K Datasheet
229Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
IRG4PH30K IRF-IRG4PH30K Datasheet
161Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=3.10V, @Vge=15V, Ic=10A)
IRG4PH40K IRF-IRG4PH40K Datasheet
157Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.74V, @Vge=15V, Ic=15A)
IRG4PH40UD IRF-IRG4PH40UD Datasheet
220Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A)
IRG4PH50K IRF-IRG4PH50K Datasheet
92Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.77V, @Vge=15V, Ic=24A)
IRG4PH50S IRF-IRG4PH50S Datasheet
130Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=1.47V, @Vge=15V, Ic=33A)
IRG4PH50U IRF-IRG4PH50U Datasheet
134Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.78V, @Vge=15V, Ic=24A)
IRG4PSH71K IRF-IRG4PSH71K Datasheet
146Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.97V, @Vge=15V, Ic=42A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com