Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGBC40K Datasheet (PDF) - International Rectifier

IRGBC40K Datasheet PDF - International Rectifier
Part # IRGBC40K
Download  IRGBC40K Download
File Size   237.32 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=25A)

IRGBC40K Datasheet (PDF)

Go To PDF Page Download Datasheet
IRGBC40K Datasheet PDF - International Rectifier

Part # IRGBC40K
Download  IRGBC40K Click to download

File Size   237.32 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=25A)

IRGBC40K Datasheet (HTML) - International Rectifier


IRGBC40K Product details

Description
Insulated Gate Bipolar Transistors (IGBTs) from International Rectifier have higher usable current densities than comparable bipolar transistors, while at the same time having simpler gate-drive requirements of the familiar power MOSFET. They provide substantial benefits to a host of high-voltage, high-current applications.
These new short circuit rated devices are especially suited for motor control and other applications requiring short circuit withstand capability.

Features
• Short circuit rated - 10µs @ 125°C, V GE = 15V
• Switching-loss rating includes all "tail" losses
• Optimized for high operating frequency (over 5kHz)
   See Fig. 1 for Current vs. Frequency curve




Similar Part No. - IRGBC40K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGBC40K IRF-IRGBC40K Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
More results


Similar Description - IRGBC40K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGBC20M-S IRF-IRGBC20M-S Datasheet
247Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=8.0A)
IRGBC20S IRF-IRGBC20S Datasheet
274Kb / 7P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=10A)
IRGBC30K-S IRF-IRGBC30K-S Datasheet
266Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=14A)
IRGBC30S IRF-IRGBC30S Datasheet
252Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=18A)
IRGBC30U IRF-IRGBC30U Datasheet
244Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=12A)
IRGBC40U IRF-IRGBC40U Datasheet
244Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=20A)
IRGPC30M IRF-IRGPC30M Datasheet
250Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=16A)
IRGPC30S IRF-IRGPC30S Datasheet
253Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=18A)
IRGPC40M IRF-IRGPC40M Datasheet
91Kb / 2P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=24A)
IRGPH50F IRF-IRGPH50F Datasheet
267Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=25A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com