Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGPC20MD2 Datasheet (PDF) - International Rectifier

IRGPC20MD2 Datasheet PDF - International Rectifier
Part # IRGPC20MD2
Download  IRGPC20MD2 Download
File Size   418.31 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=8.0A)

IRGPC20MD2 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRGPC20MD2 Datasheet PDF - International Rectifier

Part # IRGPC20MD2
Download  IRGPC20MD2 Click to download

File Size   418.31 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=8.0A)

IRGPC20MD2 Datasheet (HTML) - International Rectifier


IRGPC20MD2 Product details

Description
Co-packaged IGBTs are a natural extension of International Rectifiers well known IGBT line. They provide the convenience of an IGBT and an ultrafast recovery diode in one package, resulting in substantial benefits to a host of high-voltage, high-current, applications.
These new short circuit rated devices are especially suited for motor control and other applications requiring short circuit withstand capability.

Features
• Short circuit rated -10µs @125°C, V GE = 15V
• Switching-loss rating includes all "tail" losses
• HEXFREDTM soft ultrafast diodes
• Optimized for medium operating frequency ( 1 to
   10kHz) See Fig. 1 for Current vs. Frequency curve




Similar Part No. - IRGPC20MD2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPC20MD2 IRF-IRGPC20MD2 Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
More results


Similar Description - IRGPC20MD2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGBC20M-S IRF-IRGBC20M-S Datasheet
247Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=8.0A)
IRGBC20M IRF-IRGBC20M Datasheet
246Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=8.0A)
IRGBC20MD2-S IRF-IRGBC20MD2-S Datasheet
420Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=8.0A)
IRGBC20MD2 IRF-IRGBC20MD2 Datasheet
413Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=8.0A)
IRGBC30FD2 IRF-IRGBC30FD2 Datasheet
414Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=31A)
IRGPC20M IRF-IRGPC20M Datasheet
243Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=8.0A)
IRGPC30FD2 IRF-IRGPC30FD2 Datasheet
422Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=17A)
IRGPC30MD2 IRF-IRGPC30MD2 Datasheet
421Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=16A)
IRGPC40FD2 IRF-IRGPC40FD2 Datasheet
425Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=27A)
IRGPC40MD2 IRF-IRGPC40MD2 Datasheet
85Kb / 2P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=24A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com