Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGPH50M Datasheet (PDF) - International Rectifier

IRGPH50M Datasheet PDF - International Rectifier
Part # IRGPH50M
Download  IRGPH50M Download
File Size   255.49 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=23A)

IRGPH50M Datasheet (PDF)

Go To PDF Page Download Datasheet
IRGPH50M Datasheet PDF - International Rectifier

Part # IRGPH50M
Download  IRGPH50M Click to download

File Size   255.49 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=23A)

IRGPH50M Datasheet (HTML) - International Rectifier


IRGPH50M Product details

Description
Insulated Gate Bipolar Transistors (IGBTs) from International Rectifier have higher usable current densities than comparable bipolar transistors, while at the same time having simpler gate-drive requirements of the familiar power MOSFET. They provide substantial benefits to a host of high-voltage, high-current applications.
These new short circuit rated devices are especially suited for motor control and other applications requiring short circuit withstand capability.

Features
• Short circuit rated - 10µs @ 125°C, V GE = 15V
• Switching-loss rating includes all "tail" losses
• Optimized for medium operating frequency (1 to
   10kHz) See Fig. 1 for Current vs. Frequency
   curve




Similar Part No. - IRGPH50M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPH50M IRF-IRGPH50M Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
IRGPH50MD2 IRF-IRGPH50MD2 Datasheet
1Mb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=1200V, @Vge=15V, Ic=23A)
IRGPH50MD2 IRF-IRGPH50MD2 Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
More results


Similar Description - IRGPH50M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB440U IRF-IRGB440U Datasheet
252Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=22A)
IRGPH20M IRF-IRGPH20M Datasheet
240Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=4.5A)
IRGPH20S IRF-IRGPH20S Datasheet
240Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=6.6A)
IRGPH30S IRF-IRGPH30S Datasheet
82Kb / 2P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=13A)
IRGPH40F IRF-IRGPH40F Datasheet
255Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=17A)
IRGPH40M IRF-IRGPH40M Datasheet
84Kb / 2P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=18A)
IRGPH40S IRF-IRGPH40S Datasheet
82Kb / 2P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=20A)
IRGPH50F IRF-IRGPH50F Datasheet
267Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=25A)
IRGPH50MD2 IRF-IRGPH50MD2 Datasheet
1Mb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=1200V, @Vge=15V, Ic=23A)
IRGPH50S IRF-IRGPH50S Datasheet
96Kb / 2P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=33A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com